Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D3220 Datasheet (PDF) - Data Delay Devices, Inc.

3D3220 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D3220
Download  3D3220 Download
File Size   238.55 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)

3D3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D3220 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D3220
Download  3D3220 Click to download

File Size   238.55 Kbytes
Page   4 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D3220)

3D3220 Datasheet (HTML) - Data Delay Devices, Inc.


3D3220 Product details

FUNCTIONAL DESCRIPTION
The 3D3220 10-Tap Delay Line product family consists of fixed-delay CMOS integrated circuits. Each package contains a single delay line, tapped and buffered at 10 points spaced uniformly in time. Tap-to-tap (incremental) delay values can range from 0.75ns through 700ns. The input is reproduced at the outputs without inversion, shifted in time as per the user-specified dash number. The 3D3220 is TTL- and CMOS-compatible, capable of driving ten 74LS-type loads, and features both rising- and falling-edge accuracy.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Delay range: 0.75ns through 7000ns
• Delay tolerance: 2% or 0.5ns
• Temperature stability: ±2% typical (-40C to 85C)
• Vdd stability: ±1% typical (3.0V-3.6V)
• Minimum input pulse width: 15% of total delay
• 14-pin Gull-Wing available as drop-in replacement for hybrid delay lines




Similar Part No. - 3D3220

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3220D DATADELAY-3D3220D Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3220G DATADELAY-3D3220G Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3220S DATADELAY-3D3220S Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Similar Description - 3D3220

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7105 DATADELAY-3D7105 Datasheet
42Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7105)
3D7010 DATADELAY-3D7010 Datasheet
253Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7010)
3D7205 DATADELAY-3D7205 Datasheet
256Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3225 DATADELAY-3D3225 Datasheet
241Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D3225)
3D7110 DATADELAY-3D7110 Datasheet
233Kb / 5P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
3D7220 DATADELAY-3D7220 Datasheet
232Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7220)
3D7225 DATADELAY-3D7225 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7225)
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
MONOLITHIC 10-TAP FIXED DELAY LINE
3D3225 DATADELAY-3D3225_06 Datasheet
240Kb / 4P
MONOLITHIC 5-TAP FIXED DELAY LINE
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com