Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7418 Datasheet (PDF) - Data Delay Devices, Inc.

3D7418 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7418
Download  3D7418 Download
File Size   397.54 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)

3D7418 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7418 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7418
Download  3D7418 Click to download

File Size   397.54 Kbytes
Page   7 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)

3D7418 Datasheet (HTML) - Data Delay Devices, Inc.


3D7418 Product details

FUNCTIONAL DESCRIPTION
The 3D7418 Programmable 8-Bit Silicon Delay Line product family consists of 8-bit, user-programmable CMOS silicon integrated circuits. Delay values, programmed either via the serial or parallel interface, can be varied over 255 equal steps ranging from 250ps to 5.0ns inclusively. Units have a typical inherent (zero step) delay of 12ns to 17ns (See Table 1). The input is reproduced at the output without inversion, shifted in time as per user selection. The 3D7418 is TTL- and CMOS-compatible, capable of driving ten 74LS-type loads, and features both rising- and falling-edge accuracy.

FEATURES
• All-silicon, low-power CMOS technology
• TTL/CMOS compatible inputs and outputs
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Low ground bounce noise
• Leading- and trailing-edge accuracy
• Increment range: 0.25 through 5.0ns
• Delay tolerance: 1% (See Table 1)
• Temperature stability: ±3% typical (0C-70C)
• Vdd stability: ±1% typical (4.75V-5.25V)
• Minimum input pulse width: 10% of total delay
• Programmable via 3-wire serial or 8-bit parallel interface




Similar Part No. - 3D7418

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.25 DATADELAY-3D7408-0.25 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.5 DATADELAY-3D7408-0.5 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-1 DATADELAY-3D7408-1 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-2 DATADELAY-3D7408-2 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results


Similar Description - 3D7418

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
Programmable 8-Bit Silicon Delay Line
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com