Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3D7444 Datasheet (PDF) - Data Delay Devices, Inc.

3D7444 Datasheet PDF - Data Delay Devices, Inc.
Part # 3D7444
Download  3D7444 Download
File Size   316.85 Kbytes
Page   6 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)

3D7444 Datasheet (PDF)

Go To PDF Page Download Datasheet
3D7444 Datasheet PDF - Data Delay Devices, Inc.

Part # 3D7444
Download  3D7444 Click to download

File Size   316.85 Kbytes
Page   6 Pages
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.
Description MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)

3D7444 Datasheet (HTML) - Data Delay Devices, Inc.


3D7444 Product details

FUNCTIONAL DESCRIPTION
The 3D7444 device is a small, versatile, quad 4-bit programmable monolithic delay line. Delay values, programmed via the serial interface, can be independently varied over 15 equal steps. The step size (in ns) is determined by the device dash number. Each input is reproduced at the corresponding output without inversion, shifted in time as per user selection.

FEATURES
• Four indep’t programmable lines on a single chip
• All-silicon CMOS technology
• Low quiescent current (1mA typical)
• Leading- and trailing-edge accuracy
• Vapor phase, IR and wave solderable
• Auto-insertable (DIP pkg.)
• Increment range: 1.5ns through 25ns
• Delay tolerance: 1ns or 2% (See Table 1)
• Temperature stability: ±2% typical (0C-70C)
• Vdd stability: ±1% typical
• Minimum input pulse width: 10% of total delay




Similar Part No. - 3D7444

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.25 DATADELAY-3D7408-0.25 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.5 DATADELAY-3D7408-0.5 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-1 DATADELAY-3D7408-1 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-2 DATADELAY-3D7408-2 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results


Similar Description - 3D7444

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
4-BIT PROGRAMMABLE DELAY LINE
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3444 DATADELAY-3D3444 Datasheet
313Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3444)
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7424 DATADELAY-3D7424 Datasheet
361Kb / 6P
MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results




About Data Delay Devices, Inc.


Data Delay Devices, Inc. (DDD) was a semiconductor company that was founded in 1964 and based in Pennsylvania, USA. The company specialized in the design and manufacture of a range of semiconductor products, including digital delay lines, programmable timers, and other timing devices.

DDD's products were widely used in a variety of industries, including aerospace, defense, telecommunications, and industrial automation. The company was known for its high-quality and reliable products, which were often customized to meet the specific needs of its customers.

In 2006, Data Delay Devices, Inc. was acquired by Data Device Corporation (DDC), a leading supplier of high-reliability data communication and control solutions for the aerospace and defense industries. Today, DDD's products are still used by many customers in these industries, and the company's legacy of high-quality timing devices lives on through DDC's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com