Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN8897 Datasheet (PDF) - Panasonic Semiconductor

DN8897 Datasheet PDF - Panasonic Semiconductor
Part # DN8897
Download  DN8897 Download
File Size   42.11 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)

DN8897 Datasheet (PDF)

Go To PDF Page Download Datasheet
DN8897 Datasheet PDF - Panasonic Semiconductor

Part # DN8897
Download  DN8897 Click to download

File Size   42.11 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)

DN8897 Datasheet (HTML) - Panasonic Semiconductor


DN8897 Product details

■ Overview

The DN8897/SE/TE/S is a combination of a Hall element, amplifier, Schmidt circuit, and stabilized power supply/temper ature compensator integrated on an identical chip by using the IC technology. It amplifies Hall element output at the amplifier, converts into a digital signal through the Schmidt circuit, and drives the TTL or MOS IC directly.



■ Features

• High sensitivity and low drift

• Stable temperature characterstics due to the additional temperture compensator

• Wide operating supply voltage range (VCC=4.5 to 16V)

• Operatig in alternative magnetic field

• TTL and MOS ICs directly drivable by output

• Provided with the output pull-up resistors (typ 27kΩ)

• “0” gauss point in the zero cross type hysteresis width



■ Applications

• Speed sensors

• Position sensors

• Rotation sensors

• Keyboard switches

• Microswitches




Similar Part No. - DN8897

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899S PANASONIC-DN8899S Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899SE PANASONIC-DN8899SE Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899TE PANASONIC-DN8899TE Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
Hall IC for alternative magnetic field SOH-4D type
More results


Similar Description - DN8897

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6848 PANASONIC-DN6848 Datasheet
39Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
Hall IC for alternative magnetic field
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
Hall IC for alternative magnetic field SOH-4D type
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com