Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4363 Datasheet (PDF) - M.S. Kennedy Corporation

MSK4363 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4363
Download  MSK4363 Download
File Size   253.84 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4363 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4363 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4363
Download  MSK4363 Click to download

File Size   253.84 Kbytes
Page   7 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER

MSK4363 Datasheet (HTML) - M.S. Kennedy Corporation


MSK4363 Product details

DESCRIPTION:
The MSK 4363 is a complete 3 Phase MOSFET Bridge Brushless Motor Control System in an electrically isolated hermetic package. The hybrid is capable of 10 amps of output current and 75 volts of DC bus voltage. It has the normal features for protecting the bridge. Included is all the bridge drive circuitry, hall sensing circuitry, commutation circuitry and all the current sensing and analog circuitry necessary for closed loop current mode (torque) control. When PWMing, the transistors are modulated in locked anti-phase mode for the tightest control and the most bandwidth. Provisions for applying different compensation schemes are included. The MSK 4363 has good thermal conductivity of the MOSFETs due to isolated substrate/package design that allows direct heat sinking of the hybrid without insulators.

FEATURES:
• 75 Volt Motor Supply Voltage
• 10 Amp Output Switch Capability
• 100% Duty Cycle High Side Conduction Capable
• Shoot-Through/Cross Conduction Protection
• Hall Sensing and Commutation Circuitry on Board
• "Real" Four Quadrant Torque Control Capability
• Good Accuracy Around the Null Torque Point
• Isolated Base Plate Design for High Voltage Isolation Plus Good Thermal Transfer
• 60°/ 120º Phasing Selectable
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• 3 Phase Brushless DC Motor Control
• Servo Control
• Fin Actuator Control
• Gimbal Control
• AZ-EL Control




Similar Part No. - MSK4363

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363H ANAREN-MSK4363H Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4363 MSK-MSK4363_15 Datasheet
196Kb / 7P
75 Volt Motor Supply Voltage
More results


Similar Description - MSK4363

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4362 ETC-MSK4362 Datasheet
512Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4360 MSK-MSK4360 Datasheet
294Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4361HU MSK-MSK4361HU Datasheet
297Kb / 7P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362HU MSK-MSK4362HU Datasheet
409Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460S MSK-MSK4460S Datasheet
283Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4460 ANAREN-MSK4460 Datasheet
138Kb / 7P
10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com