Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC151 Datasheet (PDF) - Integral Corp.

IN74AC151 Datasheet PDF - Integral Corp.
Part # IN74AC151
Download  IN74AC151 Download
File Size   163.05 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS

IN74AC151 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC151 Datasheet PDF - Integral Corp.

Part # IN74AC151
Download  IN74AC151 Click to download

File Size   163.05 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS

IN74AC151 Datasheet (HTML) - Integral Corp.


IN74AC151 Product details

The IN74AC151 is identical in pinout to the LS/ALS151, HC/HCT151. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

The device selects one of the eight binary Data Inputs, as determined by the Address Inputs. The Strobe pin must be at a low level for the selected data to appear at the outputs. If Strobe is high, the Y output is forced to a low level and the Y output is forced to a high level.



• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 2.0 to 6.0 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• High Noise Immunity Characteristic of CMOS Devices

• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC151

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC151 IKSEMICON-IN74AC151 Datasheet
205Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74AC151D IKSEMICON-IN74AC151D Datasheet
205Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74AC151N IKSEMICON-IN74AC151N Datasheet
205Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC151

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74AC151 KODENSHI-KK74AC151 Datasheet
293Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74ACT151 KODENSHI-KK74ACT151 Datasheet
299Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
KK74HC151A KODENSHI-KK74HC151A Datasheet
237Kb / 6P
8-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC151A IKSEMICON-IN74HC151A Datasheet
223Kb / 6P
8-Input Data Selector/Multiplexer High-Performance Silicon-Gate CMOS
IN74AC151 IKSEMICON-IN74AC151 Datasheet
205Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74AC157 IKSEMICON-IN74AC157 Datasheet
207Kb / 6P
Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT151 IKSEMICON-IN74ACT151 Datasheet
208Kb / 6P
8-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT157 IKSEMICON-IN74ACT157 Datasheet
208Kb / 6P
Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
IN74ACT158 IKSEMICON-IN74ACT158 Datasheet
255Kb / 6P
Quad 2-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com