Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBE67C Datasheet (PDF) - OSRAM GmbH

LBE67C Datasheet PDF - OSRAM GmbH
Part # LBE67C
Download  LBE67C Download
File Size   153.81 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Power TOPLED짰 Enhanced optical Power LED (ATON짰)

LBE67C Datasheet (PDF)

Go To PDF Page Download Datasheet
LBE67C Datasheet PDF - OSRAM GmbH

Part # LBE67C
Download  LBE67C Click to download

File Size   153.81 Kbytes
Page   15 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Power TOPLED짰 Enhanced optical Power LED (ATON짰)

LBE67C Datasheet (HTML) - OSRAM GmbH


LBE67C Product details

Features
• package: white P-LCC-4 package, colorless clear resin
• feature of the device: more light due to higher optical efficiency; higher ambient temperature at the same current possible compared to TOPLED®
• wavelength: 469 nm (blue), 503 nm (verde), 525 nm (true green)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaN
• optical efficiency: 3 lm/W (blue), 10 lm/W (verde), 13 lm/W (true green)
• grouping parameter: luminous intensity, wavelength
• assembly methods: suitable for all SMT assembly methods
• soldering methods: IR reflow soldering and TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or 8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-D
• Superior Corrosion Robustness: details see page 12

Applications
• traffic lights (verde)
• backlighting (LCD, switches, keys, displays, illuminated advertising, general lighting)
• interior automotive lighting (e.g. dashboard backlighting, etc.)
• substitution of micro incandescent lamps
• marker lights (e.g. steps, exit ways, etc.)
• signal and symbol luminaire
• scanners




Similar Part No. - LBE67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C-Q1S2-35-1 OSRAM-LBE67C-Q1S2-35-1 Datasheet
592Kb / 21P
Backlighting
LBE67C OSRAM-LBE67C_15 Datasheet
592Kb / 21P
Backlighting
More results


Similar Description - LBE67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
Enhanced optical Power LED (HOP2000 / ATON짰)
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
Enhanced optical Power LED
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
Hyper TOPLED짰 Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
Enhanced optical Power LED
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
Enhanced optical Power LED
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com