Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5130 Datasheet (PDF) - M.S. Kennedy Corporation

MSK5130 Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5130
Download  MSK5130 Download
File Size   240.39 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5130 Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5130
Download  MSK5130 Click to download

File Size   240.39 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5130 Datasheet (HTML) - M.S. Kennedy Corporation


MSK5130 Product details

DESCRIPTION:
The MSK 5130 series voltage regulators are available in +3.3V, +5.0V, +12.0V or adjustable output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 350mV at 3 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The series also offers a TTL/CMOS compatible on/off enable function as well as an output flag pin. The MSK 5130 series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options.

FEATURES:
• Electrically Isolated Top Tab or Z Tab SIP
• Extremely Low Dropout Voltage: 350mV @ 3 Amps
• Available in 3.3V, 5.0V, 12.0V and Adjustable Versions
• Open Collector Error Flag Output
• TTL Level Enable Pin: Zero Current Shutdown Mode
• Reverse Battery and Load Dump Protection
• Low Ground Current: 32mA Typical at Full Load
• 1% Maximum Guaranteed Accuracy
• Output Current to 3 Amps

TYPICAL APPLICATIONS
• High Efficiency, High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5130

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130-3.3BTD ANAREN-MSK5130-3.3BTD Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130-3.3BTS ANAREN-MSK5130-3.3BTS Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130-3.3BTU ANAREN-MSK5130-3.3BTU Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130-3.3BZD ANAREN-MSK5130-3.3BZD Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - MSK5130

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com