Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5175-00BTU Datasheet (PDF) - M.S. Kennedy Corporation

MSK5175-00BTU Datasheet PDF - M.S. Kennedy Corporation
Part # MSK5175-00BTU
Download  MSK5175-00BTU Download
File Size   235.55 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5175-00BTU Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK5175-00BTU Datasheet PDF - M.S. Kennedy Corporation

Part # MSK5175-00BTU
Download  MSK5175-00BTU Click to download

File Size   235.55 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS

MSK5175-00BTU Datasheet (HTML) - M.S. Kennedy Corporation


MSK5175-00BTU Product details

DESCRIPTION:
The MSK 5175 series voltage regulators are available in +3.3V, +5.0V, +12.0V or adjustable output configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 425mV at 7.5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The series also offers a TTL/CMOS compatible on/off enable function as well as an output flag pin. The MSK 5175 series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options.

FEATURES:
• Electrically Isolated Top Tab or Z Tab SIP
• Extremely Low Dropout Voltage: 425mV @ 7.5 Amps
• Available in 3.3V, 5.0V, 12.0V and Adjustable Versions
• Open Collector Error Flag Output
• TTL Level Enable Pin: Zero Current Shutdown Mode
• Reverse Battery and Load Dump Protection
• Low Ground Current: 120mA Typical at Full Load
• 1% Maximum Guaranteed Accuracy
• Output Current to 7.5 Amps
• Contact MSK for MIL-PRF-38534 Qualification Status

TYPICAL APPLICATIONS
• High Efficiency, Ultra High Current Linear Regulators
• Constant Voltage/Current Regulators
• System Power Supplies
• Switching Power Supply Post Regulators
• Battery Powered Equipment




Similar Part No. - MSK5175-00BTU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5175-3.3BTD ANAREN-MSK5175-3.3BTD Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175-3.3BTS ANAREN-MSK5175-3.3BTS Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5175-3.3BTU ANAREN-MSK5175-3.3BTU Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Similar Description - MSK5175-00BTU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5150-3.3BTU MSK-MSK5150-3.3BTU Datasheet
315Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176-3.3HTU MSK-MSK5176-3.3HTU Datasheet
276Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5151 MSK-MSK5151 Datasheet
275Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5150 ANAREN-MSK5150 Datasheet
796Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5175 ANAREN-MSK5175 Datasheet
792Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5176 ANAREN-MSK5176 Datasheet
753Kb / 7P
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5250 ANAREN-MSK5250 Datasheet
112Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275 ANAREN-MSK5275 Datasheet
115Kb / 5P
VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com