Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9801 Datasheet (PDF) - Torex Semiconductor

XC9801 Datasheet PDF - Torex Semiconductor
Part # XC9801
Download  XC9801 Download
File Size   103.78 Kbytes
Page   10 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up Charge Pump ICs

XC9801 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC9801 Datasheet PDF - Torex Semiconductor

Part # XC9801
Download  XC9801 Click to download

File Size   103.78 Kbytes
Page   10 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Step-Up Charge Pump ICs

XC9801 Datasheet (HTML) - Torex Semiconductor


XC9801 Product details

■ GENERAL DESCRIPTION
The XC9801 series are fixed regulated voltage step-up charge pump ICs which provide stable, highly efficient, positive voltages with the only external components required being 2 capacitors.
Since regulating is done via the control of the charge pumps gate voltage waveform, ripple is minimal. Output voltage is selectable in 100mV steps within a 2.5V ~ 6.0V range.

■ FEATURES
    Input Voltage Range : 1.8V ~ 5.5V
    Output Voltage Range : 2.5V ~ 6.0V
    Small Input Current : 80μ A (no load:XC9802)
    Output Current : 80mA (3.6V→ 5.0V step-up)
    Oscillation Frequency : 300kHz
    Stand-by Current (CE ’L’) : 2.0μ A (MAX.)
    PFM Operation During Light Loads (XC9802)
    CE (Chip Enable) Function
    Can be used as a step-up doubler (sense = 0V)
    Packages : MSOP-8A, USP-8

■ APPLICATIONS
● Palm top computers, PDAs
● On board local power supplies
● Various battery powered devices




Similar Part No. - XC9801

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801 Datasheet
498Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253DL TOREX-XC9801B253DL Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253DR TOREX-XC9801B253DR Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
XC9801B253KL TOREX-XC9801B253KL Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
More results


Similar Description - XC9801

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
December 28, 2009
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
logo
Torex Semiconductor
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com