Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC31 Datasheet (PDF) - Torex Semiconductor

XC31 Datasheet PDF - Torex Semiconductor
Part # XC31
Download  XC31 Download
File Size   120.87 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Temperature Controlled Voltage Regulators

XC31 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC31 Datasheet PDF - Torex Semiconductor

Part # XC31
Download  XC31 Click to download

File Size   120.87 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Temperature Controlled Voltage Regulators

XC31 Datasheet (HTML) - Torex Semiconductor


XC31 Product details

Summary

XC31 series is to correct the temperature characteristics of liquid crystal, etc., by the device itself sensing the surrounding Temperature, and output to adapt to the temperature and voltage of the temperature sensor with a positive voltage 3-pin regulator.

As the measured output voltage can be obtained by the measured temperature, it can also be used as temperature sensing.

By the temperature sensor, voltage correction circuit, high-precision reference power, error correction power Circuit and a short-circuit-protected output driver.

Through the use of laser trimming technology to improve the output voltage accuracy, even if the power supply voltage and A stable output can be achieved by changing the output current.

In addition, through the use of CMOS technology, saving power consumption.

Depending on the application, 150mW (SOT-23) or 500mW (SOT-89) can be used.



Features

• Output voltage setting                      : 1.5 ~ 5.5V (0.1V interval)

• High precision                                 : Set voltage accuracy ± 5%

• Output voltage temperature coefficient      : TYP 3000ppm / ℃

• Sensing temperature range                      : -20 ℃ ~ 60 ℃

• Maximum output current                         : 50mA (maximum allowable power consumption)

• Low current consumption                        : TYP 1.0μA (VOUT = 1.54V)

• Input voltage                                        : 7V (MAX)

• Ultra-small package                               : SOT-23 (150mW) micro-molding

                                                             SOT-89 (500mW) Micro-power molding



 




Similar Part No. - XC31

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101-12 TOREX-XC3101-12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC707R-G TOREX-XC3101AC707R-G Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101AC70NR-G TOREX-XC3101AC70NR-G Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Similar Description - XC31

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
AVCTCQO5032 AURIS-AVCTCQO5032 Datasheet
85Kb / 1P
Oscillator SMD, voltage-controlled, temperature-compensated
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9012 RFM-XVT9012 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com