Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC62ER3002MR Datasheet (PDF) - Torex Semiconductor

XC62ER3002MR Datasheet PDF - Torex Semiconductor
Part # XC62ER3002MR
Download  XC62ER3002MR Download
File Size   184.46 Kbytes
Page   11 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Boosting Voltage Regulators

XC62ER3002MR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC62ER3002MR Datasheet PDF - Torex Semiconductor

Part # XC62ER3002MR
Download  XC62ER3002MR Click to download

File Size   184.46 Kbytes
Page   11 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Boosting Voltage Regulators

XC62ER3002MR Datasheet (HTML) - Torex Semiconductor


XC62ER3002MR Product details

■ GENERAL DESCRIPTION
The XC62E series are a group of positive output voltage regulators that can supply up to 1A of output current using an external transistor. Low power and high accuracy are achieved through CMOS process and laser trimming technologies. The series consists of a high precision voltage reference, an error correction circuit and a short-circuit protected output driver. In stand-by mode, supply current can be dramatically cut. Since the input-output voltage differential is small, loss control efficiency is good.

■ FEATURES
    Dropout Voltage : 0.1A@100mA
                                (Performance depends on the external transistor characteristics.)
    Maximum Output Current : 1000mA
    Output Voltage Range :1.5V~6.0V in 100mV increments
    Highly Accurate : Setting voltage ±2%
    Low Power Consumption: 50μ A (VOUT=5.0V) (TYP.)
                                            : 0.2μ A (Stand-by) (TYP.)
    Output Voltage Temperature Characteristics
                              : ±100ppm/ ℃ (TYP.)
    Line Regulation : 0.1%/V (TYP.)
    CMOS Low Power Consumption
    Ultra Small Package :SOT-25 mini-mold

■ APPLICATIONS
● Portable cameras and video recorders
● Battery powered equipment
● Palmtops
● Reference voltage sources




Similar Part No. - XC62ER3002MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62ER1502ML TOREX-XC62ER1502ML Datasheet
609Kb / 12P
Boosting Voltage Regulators
XC62ER1502MR TOREX-XC62ER1502MR Datasheet
609Kb / 12P
Boosting Voltage Regulators
More results


Similar Description - XC62ER3002MR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM105 NSC-LM105 Datasheet
227Kb / 7P
Voltage Regulators
logo
Torex Semiconductor
XC6204 TOREX-XC6204 Datasheet
25Kb / 1P
Voltage Regulators
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
Voltage Regulators
logo
Torex Semiconductor
XC62E TOREX-XC62E_1 Datasheet
609Kb / 12P
Boosting Voltage Regulators
logo
Unisonic Technologies
UC621XX UTC-UC621XX_11 Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
BOOSTING VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC621XX UTC-UC621XX_14 Datasheet
402Kb / 13P
BOOSTING VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM1084 BOOKLY-BM1084 Datasheet
365Kb / 9P
Voltage regulators
BM1117 BOOKLY-BM1117 Datasheet
377Kb / 9P
Voltage regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com