Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8201 Datasheet (PDF) - Toshiba Semiconductor

TPCP8201 Datasheet PDF - Toshiba Semiconductor
Part # TPCP8201
Download  TPCP8201 Download
File Size   248.63 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable Equipment Applications

TPCP8201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8201 Datasheet PDF - Toshiba Semiconductor

Part # TPCP8201
Download  TPCP8201 Click to download

File Size   248.63 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Portable Equipment Applications

TPCP8201 Datasheet (HTML) - Toshiba Semiconductor


TPCP8201 Product details

Portable Equipment Applications
Motor Drive Applications
DC-DC Converter Applications

• Lead(Pb)-Free
• Low drain-source ON resistance: RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance:|Yfs| = 7.0 S (typ.)
• Low leakage current: IDSS = 10 μA (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA)




Similar Part No. - TPCP8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8201 TOSHIBA-TPCP8201 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
More results


Similar Description - TPCP8201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC6001 TOSHIBA-TPC6001 Datasheet
200Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6011 TOSHIBA-TPC6011 Datasheet
219Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6012 TOSHIBA-TPC6012 Datasheet
217Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6004 TOSHIBA-TPC6004_07 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6102 TOSHIBA-TPC6102_06 Datasheet
198Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPC6104 TOSHIBA-TPC6104_06 Datasheet
239Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8A01 TOSHIBA-TPCF8A01 Datasheet
329Kb / 9P
Notebook PC Applications Portable Equipment Applications
TPCF8B01 TOSHIBA-TPCF8B01_09 Datasheet
312Kb / 9P
Notebook PC Applications Portable Equipment Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com