Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR2505 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

AR2505 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # AR2505
Download  AR2505 Download
File Size   269.98 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS

AR2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
AR2505 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # AR2505
Download  AR2505 Click to download

File Size   269.98 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS

AR2505 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


AR2505 Product details

Features

· Plastic material used carries Underwriters Laboratory Classification 94V-0

· Low cost construction utilizing void-free molded plastic technique

· Low cost

· Diffused junctions

· Low leakage

· High surge capability

· High temperature soldering guaranteed : 250℃ for 10 seconds



Mechanical Data

· Case : AR molded plastic

· Terminals : Plated terminals, solderable per MIL-STD-750, method 208

· Polarity : Color ring denotes cathode end

· Mounting Position : Any

· Weight : 0.07 ounce, 1.8 gram




Similar Part No. - AR2505

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
AR2505 BILIN-AR2505 Datasheet
207Kb / 2P
AUTOMOTIVE RECTIFIER
logo
TAITRON Components Inco...
AR2505 TAITRON-AR2505 Datasheet
129Kb / 4P
25A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR2505 UNIOHM-AR2505 Datasheet
156Kb / 2P
25.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR2505 MIC-AR2505 Datasheet
39Kb / 2P
BUTTON AUTOMOTIVE RECTIFIER
logo
Goodwork Semiconductor ...
AR2505 GWSEMI-AR2505 Datasheet
68Kb / 2P
25.0 AMP SILICON RECTIFIERS
More results


Similar Description - AR2505

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ25A DAESAN-KBJ25A Datasheet
233Kb / 2P
CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC25005 DAESAN-KBPC25005 Datasheet
231Kb / 2P
CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com