Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSL11 Datasheet (PDF) - Vishay Siliconix

TDSL11 Datasheet PDF - Vishay Siliconix
Part # TDSL11_V01
Download  TDSL11 Download
File Size   152.11 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 7 mm 7-Segment Display

TDSL11 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSL11 Datasheet PDF - Vishay Siliconix

Part # TDSL11_V01
Download  TDSL11 Click to download

File Size   152.11 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Current 7 mm 7-Segment Display

TDSL11 Datasheet (HTML) - Vishay Siliconix


TDSL11 Product details

• Low power consumption
• Suitable for DC and multiplex operation
• Evenly lighted segments
• Grey package surface
• Untinted segments
• Luminous intensity categorized
• Wide viewing angle




Similar Part No. - TDSL11_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
300 mW Dual Surface Mount Zener Diodes
01-Apr-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
Low Current 7 mm Seven Segment Display
31-Aug-04
TDSL1150 VISHAY-TDSL1150 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL1150 VISHAY-TDSL1150 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL1150 VISHAY-TDSL1150 Datasheet
151Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
More results


Similar Description - TDSL11_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
Low Current 7 mm Seven Segment Display
31-Aug-04
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
Low Current 7 mm Seven Segment Display
25-Jan-10
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
Low Current 7 mm 7-Segment Display
17-Apr-13
TDSL3150 VISHAY-TDSL3150_V01 Datasheet
110Kb / 7P
Low Current 10 mm 7-Segment Display
15-Nov-2021
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
Low Current 13 mm 7-Segment Display
06-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com