Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM103 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SM103 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SM103
Download  SM103 Download
File Size   232.65 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS

SM103 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM103 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SM103
Download  SM103 Click to download

File Size   232.65 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS

SM103 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SM103 Product details

Features

· The plastic package carries Underwrites Laboratory

   Flammability Classification 94V-0

· For surface mounted applications

· Glass passivated junction

· High temperature soldering guaranteed: 250℃/10 seconds, at terminals



 




Similar Part No. - SM103

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SM103 SUNMATE-SM103 Datasheet
325Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Amphenol Wilcoxon Sensi...
SM103 WILCOXON-SM103 Datasheet
415Kb / 1P
Accelerometer with armored integral cable
Rev.A 12/21
logo
IDEAL-TEK SA
SM103 IDEAL-TEK-SM103 Datasheet
494Kb / 1P
SMD tweezers
REV.00 - 14.10.2019
logo
List of Unclassifed Man...
SM103.SA ETC2-SM103.SA Datasheet
3Mb / 4P
General Purpose Tweezers
logo
IDEAL-TEK SA
SM103.SA.1 IDEAL-TEK-SM103.SA.1 Datasheet
494Kb / 1P
SMD tweezers
REV.00 - 14.10.2019
More results


Similar Description - SM103

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
R1A1 DAESAN-R1A1 Datasheet
193Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50V TO 1000 VOLTS
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RS101 DAESAN-RS101 Datasheet
255Kb / 2P
CURRENT 1.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
Rectron Semiconductor
US1AFL RECTRON-US1AFL Datasheet
344Kb / 5P
VOLTAGE: 50 to 1000 Volts CURRENT: 1.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com