Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDT2005EP Datasheet (PDF) - List of Unclassifed Manufacturers

MDT2005EP Datasheet PDF - List of Unclassifed Manufacturers
Part # MDT2005EP
Download  MDT2005EP Download
File Size   80.45 Kbytes
Page   15 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit micro-controller

MDT2005EP Datasheet (PDF)

Go To PDF Page Download Datasheet
MDT2005EP Datasheet PDF - List of Unclassifed Manufacturers

Part # MDT2005EP
Download  MDT2005EP Click to download

File Size   80.45 Kbytes
Page   15 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 8-bit micro-controller

MDT2005EP Datasheet (HTML) - List of Unclassifed Manufacturers


MDT2005EP Product details

General Description

This EPROM-Based  8-bit micro-controller uses a fully static CMOS design technology combines higher speeds and smaller size with the low power and high noise immunity of CMOS.

On chip memory system includes 0.5 K(for MDT2005) bytes of ROM, and 32 bytes of static RAM.



Features

The followings are some of the features on the hardware and software :

Fully COMS static design

8-bit data bus

On chip ROM size : 512 words for MDT2005

Internal RAM size : 32 bytes(25 general pur pose registers, 7 special registers)

36 single word instructions

14-bit instructions

2-level stacks

Operating voltage : 2.3V ~ 6.3 V

Operating frequency : 0 ~ 20 MHz

The most fast execution time is 200 ns under 20 MHz in all single cycle instructions except the branch instruction

Addressing modes include direct, indirect and relative addressing modes

Power-on Reset

Power edge-detector Reset

Sleep Mode for power saving

8-bit real time clock/counter(RTCC) with 8-bit programmable prescaler

4 types of oscillator can be selected by programming option:

  RC-Low cost RC oscillator

  LFXT-Low frequency crystal oscillator

  XTAL-Standard crystal oscillator

  HFXT-High frequency crystal oscillator

4 oscillator start-up time can be selected by programming option: 150 ms, 20 ms, 40 ms, 80 ms

On-chip RC oscillator based Watchdog Timer(WDT) can be operated freely

12 I/O pins with their own independent direction control



Applications

The application areas of this MDT2005 range from appliance motor control and high speed

automot ive to low power remote transmitters/receivers, pointing devices, and

elecommunications processors, such as Remote controller, small instruments, chargers, toy,

automobile and PC peripheral … etc.




Similar Part No. - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2005IB MDTIC-MDT2005IB Datasheet
109Kb / 15P
8-bit micro-controller
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
8-bit micro-controller
More results


Similar Description - MDT2005EP

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com