Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHDSW4K4 Datasheet (PDF) - IOGEAR

GHDSW4K4 Datasheet PDF - IOGEAR
Part # GHDSW4K4
Download  GHDSW4K4 Download
File Size   161.2 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description 4K 4-Port HDMI Switch with Remote

GHDSW4K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHDSW4K4 Datasheet PDF - IOGEAR

Part # GHDSW4K4
Download  GHDSW4K4 Click to download

File Size   161.2 Kbytes
Page   3 Pages
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR
Description 4K 4-Port HDMI Switch with Remote

GHDSW4K4 Datasheet (HTML) - IOGEAR




Similar Part No. - GHDSW4K4

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GHDSW4KIT IOGEAR-GHDSW4KIT Datasheet
163Kb / 3P
4-Port Home Entertainment Starter Kit, 4 HDMI Inputs - 1 HDMI Output
More results


Similar Description - GHDSW4K4

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B119-002-UHD TRIPPLITE-B119-002-UHD Datasheet
493Kb / 2P
2-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/2xF) with Remote Control
B119-004-UHD TRIPPLITE-B119-004-UHD Datasheet
490Kb / 2P
4-Port HDMI Switch for Video and Audio, 4K x 2K UHD 60 Hz (HDMI F/4xF) with Remote Control
logo
Pericom Semiconductor C...
PI3HDMI2410 PERICOM-PI3HDMI2410 Datasheet
508Kb / 15P
4-Port HDMI Signal Switch with Control
logo
Tripp Lite. All Rights ...
B119-003-UHD TRIPPLITE-B119-003-UHD Datasheet
161Kb / 4P
3-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (F/3xF)
B119-005-UHD TRIPPLITE-B119-005-UHD Datasheet
164Kb / 4P
5-Port HDMI Switch with Remote Control - 4K x 2K @ 60 Hz (HDMI F/5xF), 3D, HDMI 2.0, HDCP 2.2, EDID
logo
IOGEAR
GHSP8424 IOGEAR-GHSP8424 Datasheet
160Kb / 3P
4K Ultra HD 4-Port Splitter with HDMI Connectors
GHSP8424B IOGEAR-GHSP8424B Datasheet
158Kb / 2P
4-Port Cinema 4K Splitter with HDMI connectors
GHSP8424BKIT IOGEAR-GHSP8424BKIT Datasheet
166Kb / 2P
4-Port Cinema 4K Splitter with HDMI Connectors Kit
GHSW8431 IOGEAR-GHSW8431 Datasheet
168Kb / 2P
3-Port True 4K Switch with HDMI Connection
GHSW8441 IOGEAR-GHSW8441 Datasheet
159Kb / 2P
True 4K 4-Port Switcher with HDMI Connection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com