Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA1163-GHR Datasheet (PDF) - Marktech Corporate

MTA1163-GHR Datasheet PDF - Marktech Corporate
Part # MTA1163-GHR
Download  MTA1163-GHR Download
File Size   37.07 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech RT Angle Dual Stack PCB MT 3mm LEDs

MTA1163-GHR Datasheet (PDF)

Go To PDF Page Download Datasheet
MTA1163-GHR Datasheet PDF - Marktech Corporate

Part # MTA1163-GHR
Download  MTA1163-GHR Click to download

File Size   37.07 Kbytes
Page   2 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech RT Angle Dual Stack PCB MT 3mm LEDs

MTA1163-GHR Datasheet (HTML) - Marktech Corporate


MTA1163-GHR Product details

FEATURES
• T-1 right angle PCB mount LED
• Diffused lens
• Stackable end to end




Similar Part No. - MTA1163-GHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA1163-GHR MARKTECH-MTA1163-GHR Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
More results


Similar Description - MTA1163-GHR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1164-RGCT MARKTECH-MT1164-RGCT Datasheet
34Kb / 1P
Marktech RT Angle Std. Single PCB MT 5mm
MT2064-YGCT MARKTECH-MT2064-YGCT Datasheet
37Kb / 1P
Marktech RT Angle PCB MT 5mm Bi?묬olor LEDs
MT7103-UR MARKTECH-MT7103-UR Datasheet
35Kb / 1P
Marktech 3mm Ultra Bright Red LEDs
MTA1164-YG MARKTECH-MTA1164-YG Datasheet
37Kb / 1P
Marktech RT Angle Dual PCB MT 5mm LED
MTA1164H-YG MARKTECH-MTA1164H-YG Datasheet
55Kb / 2P
Marktech RT Angle Multi Color PCB MT 5mm LEDs
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
Marktech RT Angle Quad PCB MT 5mm LEDs
MT4093-G MARKTECH-MT4093-G Datasheet
32Kb / 2P
Marktech Low Current 3mm LEDs
MT21030UG MARKTECH-MT21030UG Datasheet
34Kb / 2P
Marktech 3mm Ultra Bright Y G LEDs
logo
CUI INC
SJD-3510-33 CUI-SJD-3510-33 Datasheet
31Kb / 1P
DUAL STACK 3.5mm STEREO JACK PCB MT.
SJD-3510-45 CUI-SJD-3510-45 Datasheet
151Kb / 1P
DUAL STACK 3.5mm STEREO JACK PCB MT.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com