Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ44R Datasheet (PDF) - Vishay Siliconix

IRFZ44R Datasheet PDF - Vishay Siliconix
Part # IRFZ44R
Download  IRFZ44R Download
File Size   1368.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFZ44R Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFZ44R Datasheet PDF - Vishay Siliconix

Part # IRFZ44R
Download  IRFZ44R Click to download

File Size   1368.37 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET

IRFZ44R Datasheet (HTML) - Vishay Siliconix


IRFZ44R Product details

• Advanced Process Technology
• Ultra Low On-Resistance
• Dynamic dV/dt Rating
• 175 °C Operating Temperature
• Fast Switching
• Fully Avalanche Rated
• Drop in Replacement of the IRFZ44, SiHFZ44 for
Linear/Audio Applications
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - IRFZ44R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
logo
Vishay Siliconix
IRFZ44R VISHAY-IRFZ44R Datasheet
1Mb / 8P
Power MOSFET
17-Jul-08
IRFZ44R VISHAY-IRFZ44R Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFZ44R VISHAY-IRFZ44R Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFZ44R VISHAY-IRFZ44R Datasheet
1Mb / 9P
Power MOSFET
25-Oct-2021
More results


Similar Description - IRFZ44R

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com