Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LN424YPX Datasheet (PDF) - Panasonic Semiconductor

LN424YPX Datasheet PDF - Panasonic Semiconductor
Part # LN424YPX
Download  LN424YPX Download
File Size   30.95 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 5.0 mm X 1.0 mm Series

LN424YPX Datasheet (PDF)

Go To PDF Page Download Datasheet
LN424YPX Datasheet PDF - Panasonic Semiconductor

Part # LN424YPX
Download  LN424YPX Click to download

File Size   30.95 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 5.0 mm X 1.0 mm Series

LN424YPX Datasheet (HTML) - Panasonic Semiconductor


LN424YPX Product details

Square Type

□ 5.0 mm × 1.0 mm Series




Similar Part No. - LN424YPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN424YP PANASONIC-LN424YP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN424YPH PANASONIC-LN424YPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
More results


Similar Description - LN424YPX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN233RPH PANASONIC-LN233RPH Datasheet
32Kb / 1P
1.0 mm X 4.0 mm Series
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
5.0 mm X 2.0 mm Series
logo
List of Unclassifed Man...
C85F ETC2-C85F Datasheet
87Kb / 4P
7.0 mm x 5.0 mm XO
logo
STANLEY ELECTRIC CO.,LT...
KW1448A STANLEY-KW1448A Datasheet
315Kb / 13P
5.0 x 5.0 mm (t=0.55 mm) Type White LED
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-5050RGBS-13 TO-GRACE-KAAF-5050RGBS-13 Datasheet
1Mb / 5P
5.0 mm x 5.0 mm Surface Mount LED Lamp
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com