Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD114813SC Datasheet (PDF) - Advanced Linear Devices

ALD114813SC Datasheet PDF - Advanced Linear Devices
Part # ALD114813SC
Download  ALD114813SC Download
File Size   422.02 Kbytes
Page   2 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAYS

ALD114813SC Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD114813SC Datasheet PDF - Advanced Linear Devices

Part # ALD114813SC
Download  ALD114813SC Click to download

File Size   422.02 Kbytes
Page   2 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAYS

ALD114813SC Datasheet (HTML) - Advanced Linear Devices


ALD114813SC Product details

GENERAL DESCRIPTION
ALD114813/ALD114913 are high precision monolithic quad/dual depletion mode N-Channel MOSFETS matched at the factory using ALD’s proven EPAD CMOS technology. These devices are intended for low voltage, small signal applications. They are excellent functional replacements for normally-closed relay applications, as they are normally on (conducting) without any power applied, but could be turned off or modulated when system power supply is turned on. These MOSFETS have the unique characteristics of, when the gate is grounded, operating in the resistance mode for low drain voltage levels and in the current source mode for higher voltage levels and providing a constant drain current.

FEATURES
• Depletion mode (normally ON)
• Precision Gate Threshold Voltages: -1.30V +/- 0.04V
• Nominal RDS(ON) @ VGS = 0.0V of 1.3KΩ
• Matched MOSFET-to-MOSFET characteristics
• Tight lot-to-lot parametric control
• Low input capacitance
• VGS(th) match (VOS) — 20mV
• High input impedance — 1012Ω typical
• Positive, zero, and negative VGS(th) temperature coefficient
• DC current gain >108
• Low input and output leakage currents

APPLICATIONS
• Functional replacement of Form B (NC) relays
• Ultra low power (nanowatt) analog and digital circuits
• Ultra low operating voltage (<0.2V) analog and digital circuits
• Sub-threshold biased and operated circuits
• Zero power fail safe circuits in alarm systems
• Backup battery circuits
• Power failure and fail safe detector
• Source followers and high impedance buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Discrete analog switches and multiplexers
• Discrete voltage comparators




Similar Part No. - ALD114813SC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD114813SCL ALD-ALD114813SCL Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813SCL ALD-ALD114813SCL Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
More results


Similar Description - ALD114813SC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110802 ALD-ALD110802 Datasheet
37Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_12 Datasheet
127Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114813 ALD-ALD114813_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804_16 Datasheet
112Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114813 ALD-ALD114813_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
ALD114835 ALD-ALD114835_16 Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com