Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34652 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34652 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34652
Download  MC34652 Download
File Size   1065.42 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability

MC34652 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34652 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34652
Download  MC34652 Click to download

File Size   1065.42 Kbytes
Page   25 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability

MC34652 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34652 Product details

2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability

The 34652 is a highly integrated -48 V hot swap controller with an internal Power MOSFET. It provides the means to safely install and remove boards from live -48 V backplanes without having to power down the entire system. It regulates the inrush current, from the supply to the load’s filter capacitor, to a user-programmable limit, allowing the system to safely stabilize. A disable function allows the user to disable the 34652 manually or through a microprocessor and safely disconnect the load from the main power line.
The 34652 has active high and active low power good output signals that can be used to directly enable a power module load. Programmable under- and overvoltage detection circuitry monitors the input voltage to check that it is within its operating range. A programmable start-up delay timer ensures that it is safe to turn on the Power MOSFET and charge the load capacitor.
A two-level current limit approach to controlling the inrush current and switching on the load limits the peak power dissipation in the Power MOSFET. Both current limits are user programmable.

Features
• Integrated Power MOSFET and Control IC in a Small Outline Package
• Input Voltage Operation Range from -15 V to -80 V
• Programmable Overcurrent Limit with Auto Retry
• Programmable Charging Current Limit Independent of Load Capacitor
• Programmable Start-Up and Retry Delay Timer
• Programmable Overvoltage and Undervoltage Detection
• Active High and Low Power Good Output Signals
• Thermal Shutdown
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - MC34652

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34652EF FREESCALE-MC34652EF Datasheet
1Mb / 26P
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
MC34652EFR2 FREESCALE-MC34652EFR2 Datasheet
1Mb / 26P
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results


Similar Description - MC34652

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
Negative Voltage Hot Swap Controller
logo
Freescale Semiconductor...
34653 FREESCALE-34653 Datasheet
1Mb / 24P
1.0 A Negative Voltage Hot Swap Controller
34652 FREESCALE-34652_07 Datasheet
1Mb / 26P
2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com