Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKD5366 Datasheet (PDF) - Asahi Kasei Microsystems

AKD5366 Datasheet PDF - Asahi Kasei Microsystems
Part # AKD5366
Download  AKD5366 Download
File Size   291.96 Kbytes
Page   23 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Evaluation board Rev.A for AK5366

AKD5366 Datasheet (PDF)

Go To PDF Page Download Datasheet
AKD5366 Datasheet PDF - Asahi Kasei Microsystems

Part # AKD5366
Download  AKD5366 Click to download

File Size   291.96 Kbytes
Page   23 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Evaluation board Rev.A for AK5366

AKD5366 Datasheet (HTML) - Asahi Kasei Microsystems


AKD5366 Product details

GENERAL DESCRIPTION
AK5366 is a high-performance 24-bit, 48kHz sampling ADC for consumer audio and digital recording applications. Thanks to AKM’s Enhanced Dual-Bit modulator architecture, this analog-to-digital converter has an impressive dynamic range of 103dB with a high level of integration. The AK5366 has a 5-channel stereo input selector, an input Programmable Gain Amplifier with an ALC function. All this integration with high-performance makes the AK5366 well suited for CD and DVD recording systems.

FEATURES
1. 24bit Stereo ADC
    • 5ch Stereo Inputs Selector
    • Input PGA from +18dB to 0dB, 0.5dB Step
    • Peak Hold Function
    • Auto Level Control (ALC) Circuit
    • Digital HPF for offset cancellation (fc=1.0Hz@fs=48kHz)
    • Digital Attenuator from +8dB to −63dB, Mute
    • Soft Mute
    • Single-end Inputs
    • S/(N+D) : 94dB
    • DR, S/N : 103dB
    • Audio I/F Format : 24bit MSB justified, I2S
2. 3-wire Serial µP Interface / I2C-Bus
3. Master / Slave Mode
4. Master Clock : 256fs/384fs/512fs
5. Sampling Rate : 32kHz to 48kHz
6. Power Supply
    • AVDD: 4.75 ∼ 5.25V (typ. 5.0V)
    • DVDD: 3.0 ∼ 5.25V (typ. 3.3V)
    • TVDD: 3.0 ∼ 5.25V for input tolerant (typ. 5.0V)
7. Ta = −40 ∼ 85°C
8. Package : 44pin LQFP
9. AK5365 Semi-Pin Compatible




Similar Part No. - AKD5366

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5366VR AKM-AKD5366VR Datasheet
315Kb / 42P
24-Bit 48kHz ?誇 ADC with Selector/PGA/ALC
AKD5366VR-A AKM-AKD5366VR-A Datasheet
1Mb / 32P
digital audio 24bit 48kHz A/D converter
AKD5366 AKM-AKD5366_07 Datasheet
492Kb / 32P
digital audio 24bit 48kHz A/D converter,
More results


Similar Description - AKD5366

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4309B AKM-AKD4309B Datasheet
1Mb / 15P
EVALUATION BOARD REV.A FOR AK4309B
AKD4353 AKM-AKD4353 Datasheet
260Kb / 25P
EVALUATION BOARD REV.A FOR AK4353
AKD4363 AKM-AKD4363 Datasheet
340Kb / 30P
EVALUATION BOARD REV.A FOR AK4363
AKD4380 AKM-AKD4380 Datasheet
220Kb / 21P
EVALUATION BOARD REV.A FOR AK4380
AKD4523 AKM-AKD4523 Datasheet
1Mb / 30P
EVALUATION BOARD REV.A FOR AK4523
AKD4524 AKM-AKD4524 Datasheet
746Kb / 28P
EVALUATION BOARD REV.A FOR AK4524
AKD5393 AKM-AKD5393 Datasheet
602Kb / 22P
EVALUATION BOARD REV.A FOR AK5393
AKD4569 AKM-AKD4569 Datasheet
311Kb / 27P
Evaluation board Rev.A for AK4569
AKD4584 AKM-AKD4584 Datasheet
366Kb / 41P
Evaluation board Rev.A for AK4584
AKD5365 AKM-AKD5365 Datasheet
270Kb / 27P
Evaluation board Rev.A for AK5365
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com