Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD3640 Datasheet (PDF) - Qorvo, Inc

QPD3640 Datasheet PDF - Qorvo, Inc
Part # QPD3640
Download  QPD3640 Download
File Size   690.85 Kbytes
Page   9 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty

QPD3640 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD3640 Datasheet PDF - Qorvo, Inc

Part # QPD3640
Download  QPD3640 Click to download

File Size   690.85 Kbytes
Page   9 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 150 W / 300 W, 48 V, 3.4 ??3.8 GHz, Asymmetric Doherty

QPD3640 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPD3640

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QPD3-0-26500-2-S QUALWAVE-QPD3-0-26500-2-S Datasheet
140Kb / 1P
3-Way Resistive Power Divider
Rev 1.1
QPD3-0-40000-2-K QUALWAVE-QPD3-0-40000-2-K Datasheet
139Kb / 1P
3-Way Resistive Power Divider
Rev 1.1
QPD3-0-50000-2-2 QUALWAVE-QPD3-0-50000-2-2 Datasheet
139Kb / 1P
3-Way Resistive Power Divider
Rev 1.1
QPD3-0-67000-2-V QUALWAVE-QPD3-0-67000-2-V Datasheet
164Kb / 1P
3-Way Resistive Power Divider
Rev 1.2
QPD3-0-8000-2 QUALWAVE-QPD3-0-8000-2 Datasheet
1Mb / 2P
3-Way Resistive Power Divider
Rev 1.3
More results


Similar Description - QPD3640

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
logo
Hittite Microwave Corpo...
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
logo
NXP Semiconductors
UM10469 PHILIPS-UM10469 Datasheet
914Kb / 17P
48 V/150 W demo board using the SSL4101
Rev. 1.2-29 December 2014
logo
TriQuint Semiconductor
QPA3503 TRIQUINT-QPA3503 Datasheet
1Mb / 12P
3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2731 TRIQUINT-QPD2731 Datasheet
1Mb / 11P
2.5 ??2.7 GHz, 110 W / 220 W, 48 V, Asymmetric Doherty
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
logo
Qorvo, Inc
QPA3503 QORVO-QPA3503 Datasheet
682Kb / 11P
3 W, 28 V, 3.4 ??3.6 GHz GaN PA Module
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com