Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-IDB05A2 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-IDB05A2 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-IDB05A2
Download  X-NUCLEO-IDB05A2 Download
File Size   1160.42 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo

X-NUCLEO-IDB05A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-IDB05A2 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-IDB05A2
Download  X-NUCLEO-IDB05A2 Click to download

File Size   1160.42 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo

X-NUCLEO-IDB05A2 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-IDB05A2 Product details

Description
The X-NUCLEO-IDB05A2 Bluetooth low energy expansion board is based on the BlueNRG-M0 BLE network processor module. The BlueNRG-M0 is Bluetooth v4.2 compliant, FCC and IC certified (FCC ID: S9NBNRGM0AL; IC: 8976C-BNRGM0AL). It supports simultaneous master/slave roles and can behave as a Bluetooth low energy sensor and hub device at the same time. The BlueNRG-M0 provides a complete RF platform in a tiny form factor, with integrated radio, antenna, high frequency and LPO oscillators. The X-NUCLEO-IDB05A2 is compatible with the ST morpho (not mounted) and Arduino UNO R3 connector layout. The X-NUCLEO-IDB05A2 interfaces with the STM32 microcontroller via the SPI pin and allows changing the default SPI clock, SPI chip select and SPI IRQ by replacing a resistor on the expansion board. Product summary Bluetooth low energy expansion board based on the BLUENRG-M0A module for STM32 Nucleo X-NUCLEOIDB05A2 Very low power network processor module for Bluetooth low energy v4.2 BlueNRG-M0 Bluetooth Low Energy Network Processor supporting Bluetooth 4.2 core specification BlueNRG-MS

Features
■ STM32 Nucleo expansion board based on the BlueNRG-M0 Bluetooth v4.2 compliant, FCC and IC certified module (FCC ID: S9NBNRGM0AL; IC: 8976C- BNRGM0AL)
■ BlueNRG-M0 main features: – Embedded Bluetooth low energy protocol stack (GAP, GATT, SM, L2CAP, LL, RFPHY) – Embedded BlueNRG-MS network processor – On-board chip antenna
■ Small form factor: 11.5 mmx13.5 mm
■ Equipped with Arduino UNO R3 connector
■ Scalable solution capable of cascading multiple boards for larger systems
■ Free comprehensive development firmware library and samples for BlueNRG- MS, compatible with STM32Cube firmware
■ RoHS compliant




Similar Part No. - X-NUCLEO-IDB05A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
17-Jul-2015
More results


Similar Description - X-NUCLEO-IDB05A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
17-Jul-2015
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IHM05A1 STMICROELECTRONICS-X-NUCLEO-IHM05A1 Datasheet
264Kb / 4P
Bipolar stepper motor driver expansion board based on the L6208 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-IDW01M1 STMICROELECTRONICS-X-NUCLEO-IDW01M1 Datasheet
848Kb / 8P
Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
23-Jun-2016
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM06A1 STMICROELECTRONICS-X-NUCLEO-IHM06A1 Datasheet
379Kb / 4P
Low voltage stepper motor driver expansion board based on the STSPIN220 for STM32 Nucleo
June 2016
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com