Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLWRB4165B Datasheet (PDF) - Silicon Laboratories

SLWRB4165B Datasheet PDF - Silicon Laboratories
Part # SLWRB4165B
Download  SLWRB4165B Download
File Size   1403.43 Kbytes
Page   33 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description UG270: EFR32MG13P832 2.4 GHz 10 dBm Radio Board

SLWRB4165B Datasheet (PDF)

Go To PDF Page Download Datasheet
SLWRB4165B Datasheet PDF - Silicon Laboratories

Part # SLWRB4165B
Download  SLWRB4165B Click to download

File Size   1403.43 Kbytes
Page   33 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description UG270: EFR32MG13P832 2.4 GHz 10 dBm Radio Board

SLWRB4165B Datasheet (HTML) - Silicon Laboratories




Similar Part No. - SLWRB4165B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWRB4163A SILABS-SLWRB4163A Datasheet
2Mb / 35P
UG262: EFR32MG12 2400/868 MHz 10 dBm Radio Board
Rev. 1.03
SLWRB4164A SILABS-SLWRB4164A Datasheet
2Mb / 181P
EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
SLWRB4164A SILABS-SLWRB4164A Datasheet
2Mb / 181P
Health and Wellness
SLWRB4167A SILABS-SLWRB4167A Datasheet
1Mb / 34P
UG283: EFR32MG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4168A SILABS-SLWRB4168A Datasheet
1Mb / 34P
UG280: EFR32MG13 2.4 GHz 19 dBm Wireless Starter Kit
Rev. 1.01
More results


Similar Description - SLWRB4165B

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA024-060-23-32 TRANSCOM-TA024-060-23-32 Datasheet
17Kb / 1P
2.4 - 6.0 GHz 33 dBm Amplifier
logo
Silicon Laboratories
EFR32BG SILABS-EFR32BG Datasheet
656Kb / 17P
EFR32BG 2.4 GHz 10.5 dBm Radio Board BRD4100A Reference Manual
EFR32FG SILABS-EFR32FG Datasheet
1Mb / 21P
EFR32FG 2.4 GHz / 915 MHz Dual Band 19.5 dBm Radio Board BRD4250A Reference Manual
EFR32MG SILABS-EFR32MG Datasheet
609Kb / 18P
EFR32MG 2.4 GHz 19.5 dBm Radio Board BRD4151A Reference Manual
LQP15MN1N8W02D SILABS-LQP15MN1N8W02D Datasheet
616Kb / 18P
EFR32MG12 2.4 GHz 19 dBm Radio Board BRD4161A
Rev. 1.00
LQP15MN1N9W02D SILABS-LQP15MN1N9W02D Datasheet
1Mb / 18P
FR32BG13 2.4 GHz 10 dBm Radio Board BRD4104A
Rev. 1.0
SLWRB4159A SILABS-SLWRB4159A Datasheet
1Mb / 34P
UG281: EFR32MG13 2.4 GHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWSTK6005A SILABS-SLWSTK6005A Datasheet
2Mb / 35P
UG262: EFR32MG12 2400/868 MHz 10 dBm Radio Board
Rev. 1.03
SLWSTK6023A SILABS-SLWSTK6023A Datasheet
934Kb / 33P
UG429: EFR32xG21 2.4 GHz 10 dBm Wireless Starter Kit
Rev. 1.0
UG528 SILABS-UG528 Datasheet
1Mb / 39P
UG528: xGM240P 10 dBm Module Radio Board Users Guide
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com