Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPTXQTR Datasheet (PDF) - STMicroelectronics

S2-LPTXQTR Datasheet PDF - STMicroelectronics
Part # S2-LPTXQTR
Download  S2-LPTXQTR Download
File Size   2502.48 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sub-1 GHz proprietary radio transmitter

S2-LPTXQTR Datasheet (PDF)

Go To PDF Page Download Datasheet
S2-LPTXQTR Datasheet PDF - STMicroelectronics

Part # S2-LPTXQTR
Download  S2-LPTXQTR Click to download

File Size   2502.48 Kbytes
Page   64 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sub-1 GHz proprietary radio transmitter

S2-LPTXQTR Datasheet (HTML) - STMicroelectronics


S2-LPTXQTR Product details

Features
■ Frequency bands: – 413-479 MHz – 826-958 MHz
■ Modulation schemes: – 2(G)FSK, 4(G)FSK – OOK, ASK
■ Air data rate from 0.1 to 500 kbps
■ Ultra-low power consumption: – 10 mA TX @ +10 dBm
■ Programmable RF output power up to +16 dBm
■ Programmable channel spacing
■ Fast start-up and frequency synthesizer settling time
■ Battery indicator and low battery detector
■ TX 128 bytes FIFO buffers
■ 4-wire SPI interface
■ ST companion integrated filter chips are available
■ Fully integrated ultra-low power RC oscillator
■ Wake-up driven by internal timer or external event
■ Flexible packet length with dynamic payload length
■ IEEE 802.15.4g hardware packet support with whitening, FEC, CRC
■ Wireless M-BUS supported
■ Enables operations in the SIGFOX™ network
■ Suitable to build systems targeting: – Europe: ETSI EN 300 220, ETSI EN 303 131 – US: FCC part 15 and part 90 – Japan: ARIB STD T67, T108 – China: SRRC
■ Operating temperature range: -40 °C to +105 °C

Applications
■ Sensors to Cloud
■ Smart metering
■ Home energy management systems
■ Wireless alarm systems
■ Smart home
■ Building automation
■ Industrial monitoring and control
■ Smart lighting systems Maturity status link S2-LPTX Sub-1 GHz proprietary radio transmitter S2-LPTX Datasheet DS13100 - Rev 1 - September 2019 For further information contact your local STMicroelectronics sales office.




Similar Part No. - S2-LPTXQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
S2-LP STMICROELECTRONICS-S2-LP Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LP STMICROELECTRONICS-S2-LP Datasheet
176Kb / 5P
Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
S2-LP STMICROELECTRONICS-S2-LP Datasheet
1Mb / 5P
Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
S2-LPQTR STMICROELECTRONICS-S2-LPQTR Datasheet
3Mb / 90P
Excellent receiver selectivity and blocking
08-Nov-2016
S2-LPS STMICROELECTRONICS-S2-LPS Datasheet
1Mb / 73P
Ultra-low power, high performance, sub-1 GHz transceiver
Rev 1 - February 2022
More results


Similar Description - S2-LPTXQTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8136S TOSHIBA-TA8136S Datasheet
157Kb / 5P
RADIO CONTROL TRANSMITTER IC
logo
Agilent(Hewlett-Packard...
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRT1-3823 HP-DRT1-3823 Datasheet
59Kb / 4P
Digital Radio Transmitter Modules for 37 to 40 GHz
logo
rfsolutions.ltd
QFMT1-XXX RFSOLUTIONS-QFMT1-XXX Datasheet
49Kb / 5P
QM Radio Transmitter Module
logo
List of Unclassifed Man...
PTM230 ETC2-PTM230 Datasheet
118Kb / 1P
Radio transmitter module
logo
rfsolutions.ltd
FM-103C4-433 RFSOLUTIONS-FM-103C4-433 Datasheet
75Kb / 4P
RADIO TRANSMITTER ENCODERS
logo
Texas Instruments
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_16 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150_17 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com