Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP166 Datasheet (PDF) - Analog Devices

ADP166 Datasheet PDF - Analog Devices
Part # ADP166
Download  ADP166 Download
File Size   605.33 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Quiescent Current, 150 mA, LDO Regulator

ADP166 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP166 Datasheet PDF - Analog Devices

Part # ADP166
Download  ADP166 Click to download

File Size   605.33 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Very Low Quiescent Current, 150 mA, LDO Regulator

ADP166 Datasheet (HTML) - Analog Devices




Similar Part No. - ADP166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660ACBZ-R7 AD-ADP1660ACBZ-R7 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1660CB-EVALZ AD-ADP1660CB-EVALZ Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Cirrus Logic
ADP166Z-REDYKIT APEX-ADP166Z-REDYKIT Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results


Similar Description - ADP166

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1801 MICROCHIP-MCP1801 Datasheet
366Kb / 24P
150 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
MCP1801 MICROCHIP-MCP1801_09 Datasheet
408Kb / 26P
150 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
250 mA Low Quiescent Current LDO Regulator
12/08/06
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
ON Semiconductor
NCV48220 ONSEMI-NCV48220 Datasheet
276Kb / 17P
LDO Regulator - Very Low Quiescent Current, Charge Pump Boost Converter 150 mA
September, 2019 ??Rev. 1
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com