Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4302 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP4302 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP4302
Download  AP4302 Download
File Size   154.62 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description QUAD OP AMP AND VOLTAGE REFERENCE

AP4302 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP4302 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP4302
Download  AP4302 Click to download

File Size   154.62 Kbytes
Page   12 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description QUAD OP AMP AND VOLTAGE REFERENCE

AP4302 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP4302 Product details

General Description

The AP4302 is a monolithic IC specifically designed to regulate the output current and voltage levels of switching battery chargers and power supplies. The device contains quad Op Amps and a 2.5V externally adjusted voltage reference in a 16-pin package. The four Op Amps feature accurate voltage and current control. Combining a stable voltage reference with the four Op Amps makes AP4302 ideal for use in multi function charger, power supply voltage monitor, signal processing and control system. The IC offers the power converter designer a control solution that features increased precision with a corresponding reduction in system complexity and cost. The AP4302 is available in standard packages of DIP-16 and SOIC-16.



Features

Op Amp

· Input Offset Voltage: 0.5mV

· Supply Current: 250µA per Op Amp at 5.0V Supply Voltage

· Unity Gain Bandwidth: 1MHz

· Output Voltage Swing: 0 to (VCC-1.5)V

· Power Supply Range: 3 to 18V



Voltage Reference

· Reference Voltage Tolerance: 0.5%, 1%

· Sink Current Capability from 0.1 to 80mA

· Output Dynamic Impedance: 0.2Ω

· Externally Adjusted Voltage Reference: 2.5V




Similar Part No. - AP4302

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AM BCDSEMI-AP4302AM Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AM-E1 BCDSEMI-AP4302AM-E1 Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR BCDSEMI-AP4302AMTR Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4302AMTR-E1 BCDSEMI-AP4302AMTR-E1 Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
More results


Similar Description - AP4302

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303 Datasheet
158Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
Dual OP Amp And Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302_06 Datasheet
167Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
DUAL OP AMP AND VOLTAGE REFERENCE
AP4303 BCDSEMI-AP4303_06 Datasheet
168Kb / 12P
QUAD OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
DUAL OP AMP AND VOLTAGE REFERENCE
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com