Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58NG-DISP Datasheet (PDF) - STMicroelectronics

SPC58NG-DISP Datasheet PDF - STMicroelectronics
Part # SPC58NG-DISP
Download  SPC58NG-DISP Download
File Size   327.04 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC58NG-DISP Discovery evaluation board

SPC58NG-DISP Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC58NG-DISP Datasheet PDF - STMicroelectronics

Part # SPC58NG-DISP
Download  SPC58NG-DISP Click to download

File Size   327.04 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SPC58NG-DISP Discovery evaluation board

SPC58NG-DISP Datasheet (HTML) - STMicroelectronics


SPC58NG-DISP Product details

Description
The SPC58NG-DISP is the ideal discovery board for accelerating the development and securing a fast time-to-market, with a perfect balance among performance, functionalities and cost. Featuring SPC58 Chorus G Line, it addresses automotive applications, such as body and gateway, requesting the highest functional safety level, and in which security, as well as performances, reliability and high operating temperature needs are growing. SPC58 Chorus G Line is designed to meet ASIL-D highest functional safety level in compliance with ISO26262, and it embeds a Hardware Security Module (HSM) with Medium EVITA support to grant protection and secure communication. The board provides full access to all CPU’s signals and GPIO’s, and exposes a wide set of connectivity options, such as CAN-FD, Ethernet, FlexRay, LIN, UART. It offers easy debug with a JTAG port. It also includes push switches, LEDs, and a connector suitable for the 2.8 inch TFT LCD Module TJCTM24028-SPI , to enhance HMI customization and debug (LCD not included). Power supply in the box for immediate plug and play. ST’s SPC5Studio, is an Eclipse-based Integrated Development Environment, providing a comprehensive framework to design, build and deploy your own embedded application SPC5Studio is available for free download (www.st.com/ spc5studio) and includes multiple free application firmware examples, including an LCD library, ready for use. Learn more and share your experience joining ST Community at (https://community.st.com/SPC5 Automotive MCUs). Product status link SPC58NG-DISP Product summary

Features
■ Featuring SPC58NG84E7, a 32-bit Power Architecture® triple core e200z4, 6MB flash in eLQFP176 package. Device designed to meet ASIL-D safety level and embeds an HSM with 128KB flash memory.
■ 2 Ethernet ports
■ 1 CAN FD port (DB9 connector)
■ JTAG interface (14 pin - 2x7 connector)
■ 2 Push buttons, 4 LEDs for user purposes, reset push button
■ Board Supply: 12 VDC (external power supply)
■ Connector suitable for TFT LCD module
■ Board size 145 x 105 mm




Similar Part No. - SPC58NG-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC58NG80C3 STMICROELECTRONICS-SPC58NG80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC58NG80C3 STMICROELECTRONICS-SPC58NG80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC58NG80C3E000X STMICROELECTRONICS-SPC58NG80C3E000X Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC58NG80C3E000Y STMICROELECTRONICS-SPC58NG80C3E000Y Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC58NG80C3E001Y STMICROELECTRONICS-SPC58NG80C3E001Y Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
More results


Similar Description - SPC58NG-DISP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY Datasheet
245Kb / 4P
SPC560B-DIS Discovery evaluation board
July 2015 Rev 3
SPC58NH-DISP STMICROELECTRONICS-SPC58NH-DISP Datasheet
538Kb / 7P
SPC58 H Line Discovery Board
13-Mar-2020
SPC56L-DISCOVERY STMICROELECTRONICS-SPC56L-DISCOVERY_V01 Datasheet
132Kb / 4P
SPC56EL70L5DISP: Discovery evaluation board
01-Aug-2018
UM2461 STMICROELECTRONICS-UM2461 Datasheet
763Kb / 24P
SPC584B-DIS Discovery Board
15-Apr-2020
SPC56B-DISCOVERY STMICROELECTRONICS-SPC56B-DISCOVERY_V01 Datasheet
100Kb / 4P
SPC560B-DIS Discovery evaluation board
September 2018
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY_V01 Datasheet
134Kb / 6P
SPC560P-DISP: Discovery evaluation board
August 2018
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC574S-DISP STMICROELECTRONICS-SPC574S-DISP Datasheet
2Mb / 7P
SPC574S-DISP – Discovery Board
12-Aug-2019
UM2462 STMICROELECTRONICS-UM2462 Datasheet
1Mb / 16P
SPC584B-DISP Discovery Board
02-Mar-2020
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
SPC570S-DISP Discovery evaluation board
05-Apr-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com