Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IDI004V2 Datasheet (PDF) - STMicroelectronics

STEVAL-IDI004V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-IDI004V2
Download  STEVAL-IDI004V2 Download
File Size   376.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wireless bridge 868 MHz

STEVAL-IDI004V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IDI004V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-IDI004V2
Download  STEVAL-IDI004V2 Click to download

File Size   376.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wireless bridge 868 MHz

STEVAL-IDI004V2 Datasheet (HTML) - STMicroelectronics


STEVAL-IDI004V2 Product details

Description
The STEVAL-IDI004V2 wireless bridge evaluation kit is an Internet of Things (IoT) Home Bridge which supports the Wi-Fi, Sub-GHz, Bluetooth and NFC communication protocols. The device is suitable for various smart home, smart city and industrial applications. The system uses an STM32F103 microcontroller as a bridge between the various communications modules. The Wi-Fi, Bluetooth and Sub-GHz certified modules are connected through a UART interface to the STM32 microcontroller. The NFC transceiver module is connected through an SPI interface.




Similar Part No. - STEVAL-IDI004V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDI002V2 STMICROELECTRONICS-STEVAL-IDI002V2 Datasheet
654Kb / 6P
Low power STM32L series microcontroller
06-Oct-2015
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
STEVAL-IDI005V1 STMICROELECTRONICS-STEVAL-IDI005V1 Datasheet
235Kb / 5P
SP1ML 868 MHz wireless sensor board powered by a coin cell battery
26-Jan-2016
STEVAL-IDI009V1 STMICROELECTRONICS-STEVAL-IDI009V1 Datasheet
231Kb / 4P
Evaluation board for passive infrared sensor signal conditioning based on TSU102
16-Nov-2016
More results


Similar Description - STEVAL-IDI004V2

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1245A TAI-SAW-TA1245A Datasheet
424Kb / 7P
SAW Filter 868 MHz
logo
Silicon Laboratories
SLWSTK6061A SILABS-SLWSTK6061A Datasheet
1Mb / 32P
UG182: EFR32 Flex Gecko 2400/868 MHz Wireless Starter Kit
logo
TE Connectivity Ltd
8911 TEC-8911 Datasheet
495Kb / 11P
8911 WIRELESS ACCELEROMETER LoRaWAN??868/915MHz
logo
Silicon Laboratories
SLWRB4167A SILABS-SLWRB4167A Datasheet
1Mb / 34P
UG283: EFR32MG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
logo
AUREL S.p.A.
650201377G AUREL-650201377G Datasheet
93Kb / 1P
FOR WIRELESS NETWORK 868 MHz 4Ch Remote Control
15.10.2016 - Rev A
650201375G AUREL-650201375G Datasheet
1Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide Transceiver
15.10.2016 - Rev A
650201378G AUREL-650201378G Datasheet
2Mb / 1P
FOR WIRELESS NETWORK 868 MHz TM RFTide USB Dongle
15.10.2016 - Rev A
650201380G AUREL-650201380G Datasheet
570Kb / 1P
RFTide Transceiver FOR WIRELESS NETWORK 868 MHz
20 June, 2015-Rev 03
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com