Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-EDUKIT01 Datasheet (PDF) - STMicroelectronics

STEVAL-EDUKIT01 Datasheet PDF - STMicroelectronics
Part # STEVAL-EDUKIT01
Download  STEVAL-EDUKIT01 Download
File Size   224.77 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation kit for education on motor control and control systems

STEVAL-EDUKIT01 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-EDUKIT01 Datasheet PDF - STMicroelectronics

Part # STEVAL-EDUKIT01
Download  STEVAL-EDUKIT01 Click to download

File Size   224.77 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation kit for education on motor control and control systems

STEVAL-EDUKIT01 Datasheet (HTML) - STMicroelectronics


STEVAL-EDUKIT01 Product details

Description
The STEVAL-EDUKIT01 is designed to represent a complex, non-linear and unstable oscillator for university-level robotics projects. It consists of a transparent structure holding a free-swinging pendulum, whose movement has to be stabilized by a stepper motor with feedback from a high performance rotary encoder reading the pendulum angle. The STSW-EDUKIT01 firmware includes critical, high-speed algorithms that interpret encoder data and allow the stepper motor to counter the movement of the pendulum so that it remains vertical. The educational set, with real-time Matlab viewer and interface, helps you build your understanding of ARM-based embedded architecture (STM32CubeIDE), stepper motor control and real-time systems based on proportional, integral, derivative (PID) control, as well as more advanced techniques such as State Space or State Space with linear quadratic regulator (LQR). A further set of open source tutorials and training material is at your complete disposal at www.st.com/motorcontrol-edu. Product summary Evaluation kit for education on motor control and control systems STEVALEDUKIT01 Firmware for STEVALEDUKIT01 STSWEDUKIT01 Stepper motor driver expansion board based on L6474 for STM32 Nucleo X-NUCLEOIHM01A1 STM32 Nucleo-64 development board with STM32F401RE MCU NUCLEOF401RE

Features
■ Rotary inverted pendulum kit for education
■ Included stepper motor and quadrature rotary encoder
■ Low cost and easy to assemble interlocking acrylic frame
■ Included power supply (100-240 V): 12 V, 1 A
■ Based on the NUCLEO-F401RE development board
■ X-NUCLEO-IHM01A1 expansion board with L6474PD microstepping motor driver
■ Open source educational material available




Similar Part No. - STEVAL-EDUKIT01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ESC001V1 STMICROELECTRONICS-STEVAL-ESC001V1 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
STEVAL-ETH001V1 STMICROELECTRONICS-STEVAL-ETH001V1 Datasheet
3Mb / 12P
Servo drive solution for multi-axial position control with Ethernet real-time
07-Apr-2021
STEVAL-EVK-U0I STMICROELECTRONICS-STEVAL-EVK-U0I Datasheet
1Mb / 4P
EVK Main: Hardware USB kit for evaluating ST BrightSense image sensors on a computer
07-Jun-2024
More results


Similar Description - STEVAL-EDUKIT01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ120S PANASONIC-PNZ120S Datasheet
102Kb / 3P
For optical control systems
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
AC Induction Motor Control Evaluation Kit
AVR601 ATMEL-AVR601 Datasheet
2Mb / 9P
Atmel Modular Evaluation Kits for Motor Control Applications
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
Motor control starter kit
17-Sep-2010
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
Motor control starter kit
01-Sep-2011
logo
Renesas Technology Corp
UM-YROTATE-IT-RX62T RENESAS-UM-YROTATE-IT-RX62T Datasheet
3Mb / 54P
Low Cost Motor Control Kit based on RX62T
logo
STMicroelectronics
UM1452 STMICROELECTRONICS-UM1452 Datasheet
133Kb / 12P
STM32100B-MCKIT motor control starter kit
16-Sep-2011
logo
Infineon Technologies A...
CY8CKIT-037 INFINEON-CY8CKIT-037 Datasheet
7Mb / 105P
PSoC짰 4 Motor Control Evaluation Kit Guide
Doc. No. 001-92562 Rev. C
logo
Good Will Instrument Co...
GDB-02 GWINSTEK-GDB-02 Datasheet
184Kb / 1P
OSCILLOSCOPE EDUCATION AND TRAINING KIT
GDB-03 GWINSTEK-GDB-03 Datasheet
1Mb / 1P
Oscilloscope Education And Training Kit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com