Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L001J3 Datasheet (PDF) - STMicroelectronics

STM8L001J3 Datasheet PDF - STMicroelectronics
Part # STM8L001J3
Download  STM8L001J3 Download
File Size   1540.01 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C

STM8L001J3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM8L001J3 Datasheet PDF - STMicroelectronics

Part # STM8L001J3
Download  STM8L001J3 Click to download

File Size   1540.01 Kbytes
Page   58 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-bit ultra-low-power microcontroller with up to 8-Kbyte Flash memory, multifunction timers, comparators, UART, SPI, I2C

STM8L001J3 Datasheet (HTML) - STMicroelectronics


STM8L001J3 Product details

Features
■ Main microcontroller features – Supply voltage range 1.8 V to 3.6 V – Low power consumption (Halt: 0.3 µA, Active-halt: 0.8 µA, Dynamic Run: 150 µA/MHz) – STM8 Core with up to 16 CISC MIPS throughput – Temp. range: -40 to 125 °C
■ Memories – 8 Kbytes of Flash program including up to 2 Kbytes of data EEPROM – Error correction code (ECC) – Flexible write and read protection modes – In-application and in-circuit programming – Data EEPROM capability – 1.5 Kbytes of static RAM
■ Clock management – Internal 16 MHz RC with fast wakeup time (typ. 4 µs) – Internal low consumption 38 kHz RC driving both the IWDG and the AWU
■ Reset and supply management – Ultra-low power POR/PDR – Three low-power modes: Wait, Active-halt, Halt
■ Interrupt management – Nested interrupt controller with software priority control – Up to 6 external interrupt sources
■ I/Os – Up to 6 I/Os, all mappable on external interrupt vectors – I/Os with programmable input pull-ups, high sink/source capability and one LED driver infrared output
■ Peripherals – Two 16-bit general purpose timers (TIM2 and TIM3) with up and down counter and 1 channel (used as IC, OC, PWM) – One 8-bit timer (TIM4) with 7-bit prescaler – Infrared remote control (IR) – Independent watchdog – Auto-wakeup unit – Beeper timer with 1, 2 or 4 kHz frequencies – SPI synchronous serial interface – Fast I2C Multimaster/slave 400 kHz – UART with fractional baud rate generator – 2 comparators with 1 input each
■ Development support – Hardware single wire interface module (SWIM) for fast on-chip programming and non intrusive debugging SO8N 4.9x6 mm or 150 mils body width




Similar Part No. - STM8L001J3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L001J3M3 STMICROELECTRONICS-STM8L001J3M3 Datasheet
589Kb / 26P
Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
19-Mar-2018
More results


Similar Description - STM8L001J3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L101XX STMICROELECTRONICS-STM8L101XX Datasheet
1Mb / 77P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
07-Sep-2009
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_10 Datasheet
1Mb / 60P
8-bit Microcontroller with 12 Kbyte Flash
logo
STMicroelectronics
STM8L101 STMICROELECTRONICS-STM8L101 Datasheet
1Mb / 81P
8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
14-Oct-2010
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
18-Oct-2016
STM8S001J3 STMICROELECTRONICS-STM8S001J3 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
29-Jun-2017
STM8L051F3 STMICROELECTRONICS-STM8L051F3 Datasheet
1Mb / 96P
8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
September 2018
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8S001J3 STMICROELECTRONICS-STM8S001J3_V01 Datasheet
1Mb / 84P
16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
26-Aug-2020
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
02-Apr-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com