Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3150 Datasheet (PDF) - STMicroelectronics

STPS3150 Datasheet PDF - STMicroelectronics
Part # STPS3150
Download  STPS3150 Download
File Size   392.11 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 V, 3 A power Schottky rectifier

STPS3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS3150 Datasheet PDF - STMicroelectronics

Part # STPS3150
Download  STPS3150 Click to download

File Size   392.11 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 V, 3 A power Schottky rectifier

STPS3150 Datasheet (HTML) - STMicroelectronics


STPS3150 Product details

Description
150 V power Schottky rectifier are suited for switch mode power supplies on up to 24 V rails and high frequency converters.

Features
■ Negligible switching losses
■ Low forward voltage drop for higher efficiency and extended battery life
■ Surface mount miniature package
■ Low thermal resistance
■ ECOPACK2 component

Applications
■ LED Lighting
■ Battery charger
■ DC / DC converter
■ Notebook adapter
■ Switching diode




Similar Part No. - STPS3150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
60Kb / 5P
POWER SCHOTTKY RECTIFIER
Apr-2003
STPS3150 STMICROELECTRONICS-STPS3150 Datasheet
115Kb / 10P
Power Schottky rectifier
08-Feb-2007
STPS3150-Y STMICROELECTRONICS-STPS3150-Y Datasheet
86Kb / 8P
Automotive power Schottky rectifier
03-Nov-2011
STPS3150-Y STMICROELECTRONICS-STPS3150-Y_V01 Datasheet
188Kb / 9P
Automotive 150 V, 3 A power Schottky rectifier
16-Jan-2020
More results


Similar Description - STPS3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301 Datasheet
115Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
VSKDS303 VISHAY-VSKDS303 Datasheet
156Kb / 6P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS3H100UFNY STMICROELECTRONICS-STPS3H100UFNY Datasheet
206Kb / 9P
Automotive 100 V, 3 A power Schottky rectifier
Rev 1 - January 2020
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
logo
Vishay Siliconix
VSKDS301 VISHAY-VSKDS301_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 150 A
24-Apr-08
logo
STMicroelectronics
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS80150C STMICROELECTRONICS-STPS80150C Datasheet
202Kb / 10P
150 V power Schottky rectifier
07-Jun-2018
STPST3H100 STMICROELECTRONICS-STPST3H100 Datasheet
384Kb / 12P
100 V - 3 A power Schottky trench rectifier
02-Jan-2023
logo
Nexperia B.V. All right...
PMEG150G30ELP-Q NEXPERIA-PMEG150G30ELP-Q Datasheet
253Kb / 14P
150 V, 3 A Silicon Germanium (SiGe) rectifier
14 May 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com