Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-CUBE-IOD02 Datasheet (PDF) - STMicroelectronics

X-CUBE-IOD02 Datasheet PDF - STMicroelectronics
Part # X-CUBE-IOD02
Download  X-CUBE-IOD02 Download
File Size   3254.58 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo

X-CUBE-IOD02 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-CUBE-IOD02 Datasheet PDF - STMicroelectronics

Part # X-CUBE-IOD02
Download  X-CUBE-IOD02 Click to download

File Size   3254.58 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo

X-CUBE-IOD02 Datasheet (HTML) - STMicroelectronics


X-CUBE-IOD02 Product details

Description
The X-NUCLEO-IOD02A1 expansion board for STM32 Nucleo is based on the L6364Q dual channel SIO and IO-Link PHY device transceiver embedding 50 mA 3.3 V and 5.0 V voltage regulators, DC-DC converter and M-sequence management. The expansion board provides an affordable and easy-to-use solution for the development of SIO and IO-Link industrial sensor applications, letting you easily evaluate the L6364Q communication features and robustness. The X-NUCLEO-IOD02A1 communicates with the STM32 controller via SPI and GPIO pins and it is compatible with the Arduino UNO R3 (default configuration) and ST morpho (optional, not mounted) connectors (when connected to a NUCLEOL073RZ or NUCLEO-G071RB development board). Communication via IO-Link can be performed in either Multi-byte and Single-byte modes with SPI control of IC configuration and bidirectional sensor data transmission, or in Transparent mode with SPI control of IC configuration and UART interfacing for bidirectional sensor data transmission. Product summary Dual channel IOLink device expansion board based on L6364Q for STM32 Nucleo X-NUCLEO-IOD02A1 Industrial digital output software expansion for STM32Cube X-CUBE-IOD02 Dual channel SIO and IO-Link PHY device L6364Q Motion MEMS and microphone MEMS expansion board for STM32 Nucleo X-NUCLEO-IKS02A1

Features
■ Based on the L6364Q IO-Link device dual transceiver in QFN package with the following main characteristics: – 2-channel (CQ and DIO) IO-Link PHY layer – IO-Link DLL (M-sequence handler and checksum) – Wake-up detection – Interrupt diagnostic pin – SPI and UART interfaces – 50 mA 3.3 V and 5.0 V linear regulators – 50 mA adjustable (5.0 ÷ 10.8 V) buck converter – Overload protection with adjustable intervention threshold – Overheating protection with adjustable shutdown threshold – Full reverse polarity on process side – Ground and VCC wire break protections – QFN-20L (4 x 4 x 0.9 mm) package
■ 5 to 35 V operating voltage range
■ Red LED and green LED for status diagnostics
■ Radiated Emissions (EM Fields 30 MHz-1 GHz) < 40dB µV/m
■ Immunity to conducted disturbance (150 kHz-80 MHz) ≤ 10 V
■ Immunity to RF EM Fields (80 MHz-1 GHz) ≤ 10 V/m
■ Immunity to RF EM Fields (1 GHz-2.7 GHz) ≤ 3 V/m
■ Immunity to SURGE pulse (500 Ohm coupling) ≤ ± 1.2 kV
■ Immunity to ESD contact/air ≤ ±3 kV
■ Immunity to BURST noise ≤ ±1 kV
■ Compatible with STM32 Nucleo development boards
■ Equipped with Arduino UNO R3 connectors
■ RoHS and WEEE compliant




Similar Part No. - X-CUBE-IOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-CUBE-IAP-USART STMICROELECTRONICS-X-CUBE-IAP-USART Datasheet
115Kb / 3P
STM32Cube in-application programming using the USART embedded software
05-May-2015
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
365Kb / 6P
Industrial digital output expansion board based on IPS1025HF in a QFN48L package
29-Aug-2022
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
1Mb / 8P
Industrial digital output expansion board based on IPS8200HQ-1 for STM32 Nucleo
13-Oct-2023
X-CUBE-IPS STMICROELECTRONICS-X-CUBE-IPS Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results


Similar Description - X-CUBE-IOD02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1857 STMICROELECTRONICS-UM1857 Datasheet
551Kb / 9P
Stepper motor driver expansion board based on L6474 for STM32 Nucleo
30-Mar-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-LED16A1 STMICROELECTRONICS-X-NUCLEO-LED16A1 Datasheet
309Kb / 5P
16 channel LED driver expansion board based on LED1642GW for STM32 Nucleo
December 2016 Rev 1
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com