Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-NUCLEO-USBPDM1 Datasheet (PDF) - STMicroelectronics

X-NUCLEO-USBPDM1 Datasheet PDF - STMicroelectronics
Part # X-NUCLEO-USBPDM1
Download  X-NUCLEO-USBPDM1 Download
File Size   1722.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo

X-NUCLEO-USBPDM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
X-NUCLEO-USBPDM1 Datasheet PDF - STMicroelectronics

Part # X-NUCLEO-USBPDM1
Download  X-NUCLEO-USBPDM1 Click to download

File Size   1722.78 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo

X-NUCLEO-USBPDM1 Datasheet (HTML) - STMicroelectronics


X-NUCLEO-USBPDM1 Product details

Description
The X-NUCLEO-USBPDM1 is an expansion board for the NUCLEO-G071RB and NUCLEO-G474RE development boards or any STM32 Nucleo development board equipped with a USB Type-C peripheral. The X-NUCLEO-USBPDM1 is compliant with USB Type-C Rev 1.2 and Power Delivery 3.0 with 100 W PPS support, as well as USB-IF certified (Test ID certification: 3036). It provides a straightforward means for evaluating USB Type-C Power Delivery in Sink mode based on TCPP01-M12. The USB Type-C connector can supply the STM32 Nucleo development board thanks to a 3.3 V LDO. Product summary USB Type-C Power Delivery sink expansion board based on TCPP01-M12 for STM32 Nucleo X-NUCLEOUSBPDM1 USB Type-C software expansion for STM32Cube X-CUBE-TCPP USB type-C port protection TCPP01-M12 STM32 Nucleo-64 development boards with STM32G071RB/ STM32G474RE MCUs NUCLEOG071RB/ NUCLEOG474RE

Features
■ 100 W programmable power supply (PPS) support
■ USB Type-C reversible connector
■ 6 V overvoltage protection (OVP) on CC lines against short-to-VBUS when the connector is unplugged
■ Up to 22 V adjustable overvoltage protection (OVP) on VBUS line against charger failure
■ Surge protection and system-level ESD protection on VBUS
■ Common-mode filter and ESD protection on USB 2.0 High Speed data-lines
■ System-level ESD protection on CC lines as per IEC61000-4-2 level 4 (±8 kV contact discharge)
■ Low power mode for battery operation allows zero current consumption when no cable is attached
■ Integrated dead battery management for fully depleted battery devices
■ Overtemperature protection (OTP)
■ Compliant with USB Type-C Rev 1.2 and Power Delivery 3.0 standards
■ USB-IF certified (Test ID certification: 3036)




Similar Part No. - X-NUCLEO-USBPDM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
21-Jul-2016
X-NUCLEO-53L1A1 STMICROELECTRONICS-X-NUCLEO-53L1A1 Datasheet
579Kb / 5P
Long distance ranging Time-of-Flight sensor expansion board based on VL53L1X for STM32 Nucleo
20-Feb-2018
X-NUCLEO-53L1A2 STMICROELECTRONICS-X-NUCLEO-53L1A2 Datasheet
928Kb / 7P
Time-of-Flight ranging sensor with multi object detection and programming FoV expansion board based on VL53L1 for STM32 Nucleo
23-Apr-2021
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
2Mb / 7P
Time-of-Flight ranging sensor with multi target detection expansion board based on VL53L3CX for STM32 Nucleo
23-Apr-2021
X-NUCLEO-53L3A2 STMICROELECTRONICS-X-NUCLEO-53L3A2 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results


Similar Description - X-NUCLEO-USBPDM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
29-May-2017
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IHM14A1 STMICROELECTRONICS-X-NUCLEO-IHM14A1 Datasheet
367Kb / 4P
Stepper motor driver expansion board based on STSPIN820 for STM32 Nucleo
October 2017
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-PLM01A1 STMICROELECTRONICS-X-NUCLEO-PLM01A1 Datasheet
551Kb / 6P
Power line communication expansion board based on ST7580 for STM32 Nucleo
June 2017
X-NUCLEO-SNK1M1 STMICROELECTRONICS-X-NUCLEO-SNK1M1 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com