Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100559 Datasheet (PDF) - RRC power solutions Ltd.

100559 Datasheet PDF - RRC power solutions Ltd.
Part # 100559
Download  100559 Download
File Size   420.33 Kbytes
Page   4 Pages
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.
Description Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh

100559 Datasheet (PDF)

Go To PDF Page Download Datasheet
100559 Datasheet PDF - RRC power solutions Ltd.

Part # 100559
Download  100559 Click to download

File Size   420.33 Kbytes
Page   4 Pages
Manufacturer  RRC [RRC power solutions Ltd.]
Direct Link  https://www.rrc-ps.com/en/
Logo RRC - RRC power solutions Ltd.
Description Standard Battery Pack Li-Ion 10.80V / 6.90Ah / 74.52Wh

100559 Datasheet (HTML) - RRC power solutions Ltd.


100559 Product details

Features
 Worldwide approvals and certification of safety standards
 No development costs, fast time-to-market
 Smart batteries with numerous features according to the SMBus specification
 Integrated LED State of Charge (SoC) indicator
 State-of-the-art lithium-ion cells with the market’s highest energy density
 High discharge performance
 JEITA charging profile optimization
 Numerous and redundant safety features, e.g.:
 CUV (Cell Under Voltage): protection against deep discharge
 COV (Cell Over Voltage): protection against over charge
 OTC (Over Temperature in Charge): protection against overheating while charging
 OTD (Over Temperature in Discharge): protection against overheating during discharging
 Battery Life Management: protection against rapid cell ageing
 Increased ESD protection up to 8.00kV
 SHA-1 cryptosystem to prevent plagiarism
 Life expectancy: Up to 80% of initial capacity after 800 cycles

Applications
Suitable for use with tablet PC’s, notebooks, industrial and medical devices, etc.




Similar Part No. - 100559

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1005594 TURCK-1005594 Datasheet
301Kb / 3P
Inductive Sensor
11/07/2023
logo
AVX Corporation
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
1005595-C003 AVX-1005595-C003 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
More results


Similar Description - 100559

ManufacturerPart #DatasheetDescription
logo
RRC power solutions Ltd...
RRC1130 RRC-RRC1130 Datasheet
296Kb / 3P
Standard Battery Pack Li-Ion
RRC2020 RRC-RRC2020 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
RRC2024 RRC-RRC2024 Datasheet
391Kb / 4P
Standard Battery Pack Li-Ion
RRC2037 RRC-RRC2037 Datasheet
366Kb / 4P
Standard Battery Pack Li-Ion
RRC2040 RRC-RRC2040 Datasheet
400Kb / 4P
Standard Battery Pack Li-Ion
RRC2054-2 RRC-RRC2054-2 Datasheet
388Kb / 4P
Standard Battery Pack Li-Ion
RRC2054 RRC-RRC2054 Datasheet
415Kb / 4P
Standard Battery Pack Li-Ion
RRC2057 RRC-RRC2057 Datasheet
402Kb / 4P
Standard Battery Pack Li-Ion
RRC2130 RRC-RRC2130 Datasheet
338Kb / 3P
Standard Battery Pack Li-Ion
RRC2140 RRC-RRC2140 Datasheet
342Kb / 3P
Standard Battery Pack Li-Ion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com