Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16963_ATE_/V+ Datasheet (PDF) - Maxim Integrated Products

MAX16963_ATE_/V+ Datasheet PDF - Maxim Integrated Products
Part # MAX16963_ATE_/V+
Download  MAX16963_ATE_/V+ Download
File Size   540.17 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter

MAX16963_ATE_/V+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16963_ATE_/V+ Datasheet PDF - Maxim Integrated Products

Part # MAX16963_ATE_/V+
Download  MAX16963_ATE_/V+ Click to download

File Size   540.17 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter

MAX16963_ATE_/V+ Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX16963_ATE_/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16963 MAXIM-MAX16963 Datasheet
601Kb / 13P
DC-DC Converter
Rev 4; 4/14
More results


Similar Description - MAX16963_ATE_/V+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
Dual Step-Down DC/DC Converter
logo
Kingbor Technology Co
KB3511 KINGBOR-KB3511 Datasheet
227Kb / 14P
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
Dual Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922_10 Datasheet
994Kb / 17P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
MAX20073 MAXIM-MAX20073 Datasheet
595Kb / 12P
Single 2A/3A 2.2MHz Low-Voltage Step-Down DC-DC Converters
Rev 1; 7/18
MAX16922 MAXIM-MAX16922_V01 Datasheet
986Kb / 18P
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016
MAX16961 MAXIM-MAX16961_V01 Datasheet
595Kb / 13P
3A, 2.2MHz, Synchronous Step-Down DC-DC Converter
2015
logo
Analog Devices
MAX20071 AD-MAX20071 Datasheet
322Kb / 15P
Single 600mA/1A 2.2MHz Low-Voltage Step- Down DC-DC Converter
19-8542; Rev 11; 1/22
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com