Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16963 Datasheet (PDF) - Maxim Integrated Products

MAX16963 Datasheet PDF - Maxim Integrated Products
Part # MAX16963
Download  MAX16963 Download
File Size   601.33 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DC-DC Converter

MAX16963 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16963 Datasheet PDF - Maxim Integrated Products

Part # MAX16963
Download  MAX16963 Click to download

File Size   601.33 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DC-DC Converter

MAX16963 Datasheet (HTML) - Maxim Integrated Products


MAX16963 Product details

General Description

The MAX16963 is a high-efficiency, dual synchronous step-down converter that operates with a 2.7V to 5.5V input voltage range and provides a 0.8V to 3.6V output voltage range. The device delivers up to 1.5A of load current per output. The low input/output voltage range and the ability to provide high output currents make this device ideal for on-board point-of-load and postregulation applications. The device achieves Q3% output error over load, line, and temperature ranges.



Benefits and Features

 Small Size Components

 Dual 2.2MHz DC-DC Converter

 Ideal for Point-of-Load Applications

 Up to 1.5A Output Current

 Adjustable Output Voltage: 0.8V to 3.6V

 2.7V to 5.5V Operating Supply voltage

 High Efficiency at Light Load

 Skip Mode with 36µA Quiescent Current

 Low Electromagnetic Emission

 Programmable SYNC I/O Pin

 Spread Spectrum

 Low Power Mode Saves Energy

 Independent Enable Inputs

 Output Rail Monitoring Helps Prevent System Failure

 Open-Drain Power-Good Output

 Limits Inrush Current During Startup

 Built-In Soft-Start Timer

 Overtemperature and Short-Circuit Protections

 4mm x 4mm, 16-Pin TQFN and 16-Pin TSSOP Packages

 -40℃ to 125℃ Operating Temperature Range




Similar Part No. - MAX16963

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16963_ATE_/V+ MAXIM-MAX16963_ATE_/V+ Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
MAX16963_AUE_/V+ MAXIM-MAX16963_AUE_/V+ Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
MAX16963 MAXIM-MAX16963_V01 Datasheet
540Kb / 13P
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015
More results


Similar Description - MAX16963

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com