Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1941 Datasheet (PDF) - Analog Devices

AD1941 Datasheet PDF - Analog Devices
Part # AD1941
Download  AD1941 Download
File Size   314.88 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP-TM Multichannel 28-Bit Audio Processor

AD1941 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1941 Datasheet PDF - Analog Devices

Part # AD1941
Download  AD1941 Click to download

File Size   314.88 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP-TM Multichannel 28-Bit Audio Processor

AD1941 Datasheet (HTML) - Analog Devices


AD1941 Product details

GENERAL DESCRIPTION
The AD1940/AD1941 are a complete 28-bit, single-chip, multichannel audio SigmaDSP™ for equalization, multiband dynamic processing, delay compensation, speaker compensation, and image enhancement. These algorithms can be used to compensate for the real world limitations of speakers, amplifiers, and listening environments, resulting in a dramatic improvement of perceived audio quality.

FEATURES
    16-channel digital audio processor
    Accepts sample rates up to 192 kHz
    28-bit × 28-bit multiplier with full 56-bit accumulator
    Fully programmable program RAM for custom
        program download
    Parameter RAM allows complete control of 1,024 parameters
    Control port features safeload for transparent parameter
        updates and complete mode and memory transfer control
    Target/slew RAM for click-free volume control and dynamic
        parameter updates
    Double precision mode for full 56-bit processing
    PLL for generating MCLK from 64 × fS, 256 × fS, 384 × fS, or
        512 × fS clocks
    Hardware-accelerated DSP core
    21 kB (6,144 words) data memory for up to 128 ms of audio
        delay at fs = 48 kHz
    Flexible serial data port with I2S-compatible, left-justified,
        and right-justified serial port modes
    8- and 16-channel TDM input/output modes
    On-chip voltage regulator for compatibility with 3.3 V and
        5 V systems
    Programmable low power mode
    Fast start-up and boot time from power-on or reset
    48-lead LQFP plastic package

APPLICATIONS
    Automotive sound systems
    Digital televisions
    Home theater systems (Dolby digital/DTS postprocessor)
    Multichannel audio systems
    Mini-component stereos
    Multimedia audio
    Digital speaker crossover
    Musical instruments
    In-seat sound systems (aircrafts/motor coaches)




Similar Part No. - AD1941

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
More results


Similar Description - AD1941

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1940 AD-AD1940 Datasheet
690Kb / 32P
SigmaDSP-TM Multichannel 28-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
SigmaDSP Digital Audio Processor
REV. C
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
SigmaDSP 28-/56-Bit Audio Processor
Rev. A
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
SigmaDSP 28-/56-Bit Audio Processor
Rev. D
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
SigmaDSP 28-/56-Bit Audio Processor
5/16-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com