Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMJS1D15N03CG Datasheet (PDF) - ON Semiconductor

NTMJS1D15N03CG Datasheet PDF - ON Semiconductor
Part # NTMJS1D15N03CG
Download  NTMJS1D15N03CG Download
File Size   323.38 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, LFPAK8 30 V, 1.15 m, 257 A

NTMJS1D15N03CG Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMJS1D15N03CG Datasheet PDF - ON Semiconductor

Part # NTMJS1D15N03CG
Download  NTMJS1D15N03CG Click to download

File Size   323.38 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, LFPAK8 30 V, 1.15 m, 257 A

NTMJS1D15N03CG Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMJS1D15N03CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS1D0N04C ONSEMI-NTMJS1D0N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 0.92 m, 300 A
June, 2019-Rev. 0
NTMJS1D0N04CTWG ONSEMI-NTMJS1D0N04CTWG Datasheet
361Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 0.92 m, 300 A
June, 2019-Rev. 0
NTMJS1D2N04CL ONSEMI-NTMJS1D2N04CL Datasheet
356Kb / 7P
Power MOSFET 40 V, 1.2 m, 237 A, Single N?묬hannel
December, 2018-Rev. 0
NTMJS1D2N04CLTWG ONSEMI-NTMJS1D2N04CLTWG Datasheet
356Kb / 7P
Power MOSFET 40 V, 1.2 m, 237 A, Single N?묬hannel
December, 2018-Rev. 0
NTMJS1D3N04C ONSEMI-NTMJS1D3N04C Datasheet
346Kb / 7P
Power MOSFET 40 V, 1.3 m, 235 A, Single N?묬hannel
November, 2018-Rev. 1
More results


Similar Description - NTMJS1D15N03CG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS6H860NL ONSEMI-NTTFS6H860NL Datasheet
138Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 20 m, 30 A
March, 2020 ??Rev. 0
NTMFS1D15N03CG ONSEMI-NTMFS1D15N03CG Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 1.15 m, 245 A
April, 2021 ??Rev. 6
NTMFS4C302N ONSEMI-NTMFS4C302N Datasheet
184Kb / 7P
MOSFET ??Single, N-Channel, Logic Level, SO-8 FL 30 V, 1.15 m, 230 A
February, 2021-Rev. 3
NTMJS0D7N03CG ONSEMI-NTMJS0D7N03CG Datasheet
323Kb / 7P
MOSFET - Power, Single N-Channel, LFPAK8 30 V, 0.65 m, 410 A
February2021-Rev. 0
NTMYS1D3N04C ONSEMI-NTMYS1D3N04C Datasheet
347Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 1.15 m, 252 A
June, 2019-Rev. 1
NTMYS020N08LH ONSEMI-NTMYS020N08LH Datasheet
280Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020-Rev. 0
NVMFS4C302N ONSEMI-NVMFS4C302N Datasheet
132Kb / 7P
Power MOSFET 30 V, 1.15 m, 241 A, Single N?묬hannel Logic Level, SO??FL
December, 2017-Rev. 0
NVMYS020N08LH ONSEMI-NVMYS020N08LH Datasheet
281Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 19.5 m, 30 A
February, 2020 - Rev. 0
NVLJWS013N03CL ONSEMI-NVLJWS013N03CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 13 m, 35 A
June, 2022 - Rev. 1
NVLJWS5D0N03CL ONSEMI-NVLJWS5D0N03CL Datasheet
169Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com