Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJ128LDP Datasheet (PDF) - Vishay Siliconix

SIJ128LDP Datasheet PDF - Vishay Siliconix
Part # SIJ128LDP
Download  SIJ128LDP Download
File Size   252.26 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET

SIJ128LDP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJ128LDP Datasheet PDF - Vishay Siliconix

Part # SIJ128LDP
Download  SIJ128LDP Click to download

File Size   252.26 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET

SIJ128LDP Datasheet (HTML) - Vishay Siliconix


SIJ128LDP Product details

• TrenchFET® Gen IV power MOSFET
• Very low Qg and Qoss reduce power
loss and improve efficiency
• Flexible leads provide resilience to
mechanical stress
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching characteristics




Similar Part No. - SIJ128LDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJ150DP VISHAY-SIJ150DP Datasheet
231Kb / 9P
N-Channel 45 V (D-S) MOSFET
22-Jul-2019
SIJ150DP-T1-GE3 VISHAY-SIJ150DP-T1-GE3 Datasheet
231Kb / 9P
N-Channel 45 V (D-S) MOSFET
22-Jul-2019
SIJ186DP VISHAY-SIJ186DP Datasheet
240Kb / 10P
N-Channel 60 V (D-S) MOSFET
13-Aug-2018
SIJ186DP-T1-GE3 VISHAY-SIJ186DP-T1-GE3 Datasheet
240Kb / 10P
N-Channel 60 V (D-S) MOSFET
13-Aug-2018
SIJ188DP VISHAY-SIJ188DP Datasheet
212Kb / 8P
N-Channel 60 V (D-S) MOSFET
13-Aug-2018
More results


Similar Description - SIJ128LDP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
N-Channel 80-V (D-S) MOSFET
18-May-09
logo
VBsemi Electronics Co.,...
UTT80N08 VBSEMI-UTT80N08 Datasheet
1,001Kb / 8P
N-Channel 80 V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com