Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12408 Datasheet (PDF) - SparkFun Electronics

ROB-12408 Datasheet PDF - SparkFun Electronics
Part # ROB-12408
Download  ROB-12408 Download
File Size   97.82 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Micro Gearmotor - 4900 RPM (6-12V)

ROB-12408 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROB-12408 Datasheet PDF - SparkFun Electronics

Part # ROB-12408
Download  ROB-12408 Click to download

File Size   97.82 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Micro Gearmotor - 4900 RPM (6-12V)

ROB-12408 Datasheet (HTML) - SparkFun Electronics




Similar Part No. - ROB-12408

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12400 SPARKFUN-ROB-12400 Datasheet
94Kb / 1P
Motor Mount - B Style
2/10/2016
ROB-12401 SPARKFUN-ROB-12401 Datasheet
92Kb / 1P
Hub Spacer - 3/8
2/9/2016
ROB-12402 SPARKFUN-ROB-12402 Datasheet
89Kb / 1P
Shaft - Solid (Stainless; 5/16D x 6L)
2/11/2016
ROB-12403 SPARKFUN-ROB-12403 Datasheet
92Kb / 1P
Rubber Ring - 2.65ID x 1/8W
2/12/2016
ROB-12404 SPARKFUN-ROB-12404 Datasheet
92Kb / 1P
Set Screw Hub - 5mm Bore
2/5/2016
More results


Similar Description - ROB-12408

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12125 SPARKFUN-ROB-12125 Datasheet
96Kb / 1P
Micro Gearmotor - 270 RPM (6-12V)
10/9/2015
ROB-12143 SPARKFUN-ROB-12143 Datasheet
95Kb / 1P
Micro Gearmotor - 110 RPM (6-12V)
10/9/2015
ROB-12205 SPARKFUN-ROB-12205 Datasheet
95Kb / 1P
Micro Gearmotor - 175 RPM (6-12V)
10/8/2015
ROB-12281 SPARKFUN-ROB-12281 Datasheet
96Kb / 2P
Micro Gearmotor - 130 RPM (6-12V)
10/8/2015
ROB-12285 SPARKFUN-ROB-12285 Datasheet
98Kb / 1P
Micro Gearmotor - 90 RPM (6-12V)
10/8/2015
ROB-12316 SPARKFUN-ROB-12316 Datasheet
111Kb / 1P
Micro Gearmotor - 900 RPM (6-12V)
2????8
ROB-12429 SPARKFUN-ROB-12429 Datasheet
98Kb / 2P
Micro Gearmotor - 460 RPM (6-12V)
10/8/2015
ROB-12518 SPARKFUN-ROB-12518 Datasheet
95Kb / 1P
Micro Gearmotor - 2600 RPM (6-12V)
10/8/2015
ROB-12190 SPARKFUN-ROB-12190 Datasheet
94Kb / 1P
Precision Gearmotor - 6 RPM (6-12V)
11/24/2015
ROB-12511 SPARKFUN-ROB-12511 Datasheet
93Kb / 1P
Precision Gearmotor - 20 RPM (6-12V)
11/24/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com