Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROB-12472 Datasheet (PDF) - SparkFun Electronics

ROB-12472 Datasheet PDF - SparkFun Electronics
Part # ROB-12472
Download  ROB-12472 Download
File Size   177.01 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Standard Gearmotor - 6 RPM (3-12V)

ROB-12472 Datasheet (PDF)

Go To PDF Page Download Datasheet
ROB-12472 Datasheet PDF - SparkFun Electronics

Part # ROB-12472
Download  ROB-12472 Click to download

File Size   177.01 Kbytes
Page   2 Pages
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics
Description Standard Gearmotor - 6 RPM (3-12V)

ROB-12472 Datasheet (HTML) - SparkFun Electronics




Similar Part No. - ROB-12472

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12470 SPARKFUN-ROB-12470 Datasheet
119Kb / 1P
Shaft - Solid (Stainless; 1/2D x 12L)
2/10/2016
ROB-12471 SPARKFUN-ROB-12471 Datasheet
93Kb / 1P
Dolly Wheel Plate - Drive B (pair)
2/15/2016
ROB-12473 SPARKFUN-ROB-12473 Datasheet
90Kb / 1P
Shaft - D-Shaft (Stainless; 1/4D x 3.00L)
2/11/2016
ROB-12474 SPARKFUN-ROB-12474 Datasheet
90Kb / 1P
Shaft - Solid (Stainless; 5/16D x 7L)
2/11/2016
ROB-12476 SPARKFUN-ROB-12476 Datasheet
97Kb / 1P
Gear - Pinion Gear (32T; 0.25 Bore)
1/18/2016
More results


Similar Description - ROB-12472

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12144 SPARKFUN-ROB-12144 Datasheet
176Kb / 1P
Standard Gearmotor - 168 RPM (3-12V)
11/24/2015
ROB-12154 SPARKFUN-ROB-12154 Datasheet
175Kb / 1P
Standard Gearmotor - 2 RPM (3-12V)
11/24/2015
ROB-12162 SPARKFUN-ROB-12162 Datasheet
94Kb / 1P
Standard Gearmotor - 4 RPM (3-12V)
11/24/2015
ROB-12166 SPARKFUN-ROB-12166 Datasheet
175Kb / 1P
Standard Gearmotor - 40 RPM (3-12V)
11/24/2015
ROB-12262 SPARKFUN-ROB-12262 Datasheet
175Kb / 1P
Standard Gearmotor - 3 RPM (3-12V)
11/24/2015
ROB-12310 SPARKFUN-ROB-12310 Datasheet
176Kb / 1P
Standard Gearmotor - 81 RPM (3-12V)
11/24/2015
ROB-12348 SPARKFUN-ROB-12348 Datasheet
176Kb / 1P
Standard Gearmotor - 0.5 RPM (3-12V)
11/24/2015
ROB-12367 SPARKFUN-ROB-12367 Datasheet
176Kb / 1P
Standard Gearmotor - 10 RPM (3-12V)
11/24/2015
ROB-12399 SPARKFUN-ROB-12399 Datasheet
175Kb / 1P
Standard Gearmotor - 101 RPM (3-12V)
11/24/2015
ROB-12532 SPARKFUN-ROB-12532 Datasheet
93Kb / 1P
Standard Gearmotor - 30 RPM (3-12V)
11/24/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com