Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR140DP Datasheet (PDF) - Vishay Siliconix

SIR140DP Datasheet PDF - Vishay Siliconix
Part # SIR140DP
Download  SIR140DP Download
File Size   397.92 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFET

SIR140DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR140DP Datasheet PDF - Vishay Siliconix

Part # SIR140DP
Download  SIR140DP Click to download

File Size   397.92 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 25 V (D-S) MOSFET

SIR140DP Datasheet (HTML) - Vishay Siliconix


SIR140DP Product details

• TrenchFET® Gen IV power MOSFET
• Optimized Qg, Qgd, and Qgd/Qgs ratio reduces
switching related power loss
• 100 % Rg and UIS tested




Similar Part No. - SIR140DP

ManufacturerPart #DatasheetDescription
logo
ELESTA GmbH
SIR10 ELESTA-SIR10 Datasheet
333Kb / 1P
SIR 10 Series
logo
Vishay Siliconix
SIR104ADP VISHAY-SIR104ADP Datasheet
221Kb / 9P
N-Channel 100 V (D-S) MOSFET
16-Sep-2019
SIR104DP VISHAY-SIR104DP Datasheet
392Kb / 13P
N-Channel 100 V (D-S) MOSFET
11-Dec-17
SIR104DP-T1-RE3 VISHAY-SIR104DP-T1-RE3 Datasheet
392Kb / 13P
N-Channel 100 V (D-S) MOSFET
11-Dec-17
SIR104LDP VISHAY-SIR104LDP Datasheet
243Kb / 9P
N-Channel 100 V (D-S) MOSFET
13-Jan-2020
More results


Similar Description - SIR140DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com