Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR404DP Datasheet (PDF) - Vishay Siliconix

SIR404DP Datasheet PDF - Vishay Siliconix
Part # SIR404DP_V01
Download  SIR404DP Download
File Size   361.3 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIR404DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR404DP Datasheet PDF - Vishay Siliconix

Part # SIR404DP_V01
Download  SIR404DP Click to download

File Size   361.3 Kbytes
Page   13 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIR404DP Datasheet (HTML) - Vishay Siliconix


SIR404DP Product details

• TrenchFET® Gen III power MOSFET
• 100 % Rg and UIS tested
• 2.5 V and 3.3 V gate drive MOSFET for
DC/DC applications




Similar Part No. - SIR404DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR404DP-T1-GE3 VISHAY-SIR404DP-T1-GE3 Datasheet
511Kb / 13P
N-Channel 20-V (D-S) MOSFET
18-May-09
More results


Similar Description - SIR404DP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com