Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFNMD-KM Datasheet (PDF) - Mini-Circuits

KFNMD-KM Datasheet PDF - Mini-Circuits
Part # KFNMD-KM
Download  KFNMD-KM Download
File Size   259.8 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Adapter 2.92mm NMD-F to 2.92mm-M

KFNMD-KM Datasheet (PDF)

Go To PDF Page Download Datasheet
KFNMD-KM Datasheet PDF - Mini-Circuits

Part # KFNMD-KM
Download  KFNMD-KM Click to download

File Size   259.8 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Adapter 2.92mm NMD-F to 2.92mm-M

KFNMD-KM Datasheet (HTML) - Mini-Circuits




Similar Part No. - KFNMD-KM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KFNMD-KMNMD+ MINI-KFNMD-KMNMD+ Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
More results


Similar Description - KFNMD-KM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11222-RA WINCHESTER-TRU-11222-RA Datasheet
34Kb / 1P
2.92mm(f) to 2.92mm(f) R/A ADAPTER
TRU-11223 WINCHESTER-TRU-11223 Datasheet
69Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(F) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
2.92mm(f) to 2.92mm(m) R/A ADAPTER
TRU-11233 WINCHESTER-TRU-11233 Datasheet
67Kb / 1P
CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(M) ADAPTER
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-12583 WINCHESTER-TRU-12583 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.92mm(f) BKHD ADAPTER
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KMNMD-24MNMD MINI-KMNMD-24MNMD Datasheet
209Kb / 2P
Adapter 2.92mm NMD-M to 2.4mm-NMD-M
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com