Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS1D2N08H Datasheet (PDF) - ON Semiconductor

NTMTS1D2N08H Datasheet PDF - ON Semiconductor
Part # NTMTS1D2N08H
Download  NTMTS1D2N08H Download
File Size   475.96 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A

NTMTS1D2N08H Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMTS1D2N08H Datasheet PDF - ON Semiconductor

Part # NTMTS1D2N08H
Download  NTMTS1D2N08H Click to download

File Size   475.96 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 80 V, 1.1 m, 335 A

NTMTS1D2N08H Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMTS1D2N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTMTS1D5N08MC ONSEMI-NTMTS1D5N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 1.56 m, 287 A
June, 2020 ??Rev. 1
NTMTS1D6N10MC ONSEMI-NTMTS1D6N10MC Datasheet
331Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NTMTS1D6N10MCTXG ONSEMI-NTMTS1D6N10MCTXG Datasheet
331Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
More results


Similar Description - NTMTS1D2N08H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBGS001N06C ONSEMI-NTBGS001N06C Datasheet
232Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 1.1 m, 342 A
November, 2020 ??Rev. 1
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTMFSC011N08M7 ONSEMI-NTMFSC011N08M7 Datasheet
304Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 10 m, 61 A
October, 2021-Rev. 2
NTMTS1D5N08H ONSEMI-NTMTS1D5N08H Datasheet
475Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.5 m, 255 A
July, 2020 ??Rev. 1
NTMYS1D2N04CL ONSEMI-NTMYS1D2N04CL Datasheet
343Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 1.1 m, 258 A
June, 2019-Rev. 0
NVTFS6H854NL ONSEMI-NVTFS6H854NL Datasheet
279Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 13.4 m, 41 A
November, 2020-Rev. 1
NVMTS1D1N04C ONSEMI-NVMTS1D1N04C Datasheet
321Kb / 8P
MOSFET - Power, Single N-Channel 40 V, 1.1 m, 277 A
October, 2020 ??Rev. 0
NVMTS1D2N08H ONSEMI-NVMTS1D2N08H Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 1.1 m, 337 A
May, 2020 ??Rev. 1
NVMYS1D2N04CL ONSEMI-NVMYS1D2N04CL Datasheet
342Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.1 m, 258 A
July, 2019 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com