Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS4D3N15MC Datasheet (PDF) - ON Semiconductor

NTMTS4D3N15MC Datasheet PDF - ON Semiconductor
Part # NTMTS4D3N15MC
Download  NTMTS4D3N15MC Download
File Size   298.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 174 A

NTMTS4D3N15MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMTS4D3N15MC Datasheet PDF - ON Semiconductor

Part # NTMTS4D3N15MC
Download  NTMTS4D3N15MC Click to download

File Size   298.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 174 A

NTMTS4D3N15MC Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMTS4D3N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS001N06C ONSEMI-NTMTS001N06C Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTMTS001N06CLTXG ONSEMI-NTMTS001N06CLTXG Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTMTS001N06CTXG ONSEMI-NTMTS001N06CTXG Datasheet
311Kb / 8P
Power MOSFET 60 V, 0.91 m, 376 A, Single N?묬hannel
February, 2019-Rev. 0
NTMTS002N08MC ONSEMI-NTMTS002N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 2 m, 229 A
June, 2020-Rev. 1
More results


Similar Description - NTMTS4D3N15MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS002N08MC ONSEMI-NTMTS002N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 2 m, 229 A
June, 2020-Rev. 1
NTMTS0D7N06C ONSEMI-NTMTS0D7N06C Datasheet
402Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 60 V, 0.72 m, 464 A
December, 2020-Rev.3
NTMTS1D5N08MC ONSEMI-NTMTS1D5N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 1.56 m, 287 A
June, 2020 ??Rev. 1
NTMTS6D0N15MC ONSEMI-NTMTS6D0N15MC Datasheet
334Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 135 A
January, 2021-Rev. 1
NTMTSC1D5N08MC ONSEMI-NTMTSC1D5N08MC Datasheet
418Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8, DUAL COOL 80 V, 1.56 m, 287 A
December, 2021-Rev. 1
NTMTSC4D2N10G ONSEMI-NTMTSC4D2N10G Datasheet
369Kb / 8P
MOSFET - Power, Single N-Channel, DFNW8 100 V, 4.2 m, 178 A
May, 2021 ??Rev. 0
NTMTSC4D3N15MC ONSEMI-NTMTSC4D3N15MC Datasheet
406Kb / 7P
MOSFET - Power, Single N-Channel, TDFNW8 DUAL COOL 150 V, 4.45 m, 174 A
December, 2021-Rev. 1
NVMTS4D3N15MC ONSEMI-NVMTS4D3N15MC Datasheet
300Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 165 A
December, 2020 ??Rev. 0
NVMTS6D0N15MC ONSEMI-NVMTS6D0N15MC Datasheet
297Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 128 A
January, 2021 ??Rev. 0
NVMTSC4D3N15MC ONSEMI-NVMTSC4D3N15MC Datasheet
337Kb / 8P
MOSFET ??Power, Single N-Channel, TDFNW8 DUAL COOL 150 V, 4.45 m, 165 A
December, 2020 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com